Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS3D1N04XM Datasheet (PDF) - ON Semiconductor

NTMFS3D1N04XM Datasheet PDF - ON Semiconductor
Part # NTMFS3D1N04XM
Download  NTMFS3D1N04XM Download
File Size   217.18 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – Power, Single N-Channel, SO8FL 40 V, 3.1 m, 83 A

NTMFS3D1N04XM Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMFS3D1N04XM Datasheet PDF - ON Semiconductor

Part # NTMFS3D1N04XM
Download  NTMFS3D1N04XM Click to download

File Size   217.18 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – Power, Single N-Channel, SO8FL 40 V, 3.1 m, 83 A

NTMFS3D1N04XM Datasheet (HTML) - ON Semiconductor


NTMFS3D1N04XM Product details

Features
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• Small Footprint (5 x 6 mm) with Compact Design
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Applications
• Motor Drive
• Battery Protection
• Oring




Similar Part No. - NTMFS3D1N04XM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS3D0N08X ONSEMI-NTMFS3D0N08X Datasheet
149Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.6 m, 154 A
November, 2023 - Rev. 0
NTMFS3D0N08XT1G ONSEMI-NTMFS3D0N08XT1G Datasheet
149Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.6 m, 154 A
November, 2023 - Rev. 0
NTMFS3D2N10MD ONSEMI-NTMFS3D2N10MD Datasheet
202Kb / 8P
MOSFET ??Power, Single, N-Channel 100 V, 3.5 m, 142 A
June, 2021 ??Rev. 0
NTMFS3D5N08X ONSEMI-NTMFS3D5N08X Datasheet
147Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 3 m, 135 A
November, 2023 - Rev. 1
NTMFS3D5N08XT1G ONSEMI-NTMFS3D5N08XT1G Datasheet
147Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 3 m, 135 A
November, 2023 - Rev. 1
More results


Similar Description - NTMFS3D1N04XM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5C454N ONSEMI-NVD5C454N Datasheet
233Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.2 m, 83 A
June, 2019-Rev. 0
NTMFS0D7N04XL ONSEMI-NTMFS0D7N04XL Datasheet
185Kb / 8P
MOSFET – Power, Single N-Channel, Logic Level, SO8FL 40 V, 0.7 m, 349 A
February, 2023 - Rev. 0
NTMFS0D9N04XL ONSEMI-NTMFS0D9N04XL Datasheet
183Kb / 8P
MOSFET - Power, Single N-Channel, Logic Level, SO8FL 40 V, 0.9 m, 278 A
February, 2023 - Rev. 0
NVMFWS2D9N04XM ONSEMI-NVMFWS2D9N04XM Datasheet
149Kb / 7P
MOSFET – Power, Single N-Channel, STD Gate, SO8FL 40 V, 3.1 m, 94 A
April, 2023 - Rev. 2
NVMFWS1D1N04XM ONSEMI-NVMFWS1D1N04XM Datasheet
149Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 1.05 m, 233 A
April, 2023 - Rev. 3
NVMFWS2D3N04XM ONSEMI-NVMFWS2D3N04XM Datasheet
146Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 2.35 m, 121 A
April, 2023 - Rev. 1
NVMFWS1D3N04XM ONSEMI-NVMFWS1D3N04XM Datasheet
148Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 1.3 m, 195 A
April, 2023 - Rev. 1
NTMFS1D1N04XM ONSEMI-NTMFS1D1N04XM Datasheet
131Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 1.05 m, 233 A
June, 2023 - Rev. 0
NTMFS1D3N04XM ONSEMI-NTMFS1D3N04XM Datasheet
131Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 1.3 m, 195 A
June, 2023 - Rev. 0
NVMFWS004N04XM ONSEMI-NVMFWS004N04XM Datasheet
143Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 4.7 m, 66 A
November, 2023 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com