Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUP-320S460SV Datasheet (PDF) - Inventronics Inc.

EUP-320S460SV Datasheet PDF - Inventronics Inc.
Part # EUP-320S460SV
Download  EUP-320S460SV Download
File Size   749.09 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 320W AOC IP67 Driver

EUP-320S460SV Datasheet (PDF)

Go To PDF Page Download Datasheet
EUP-320S460SV Datasheet PDF - Inventronics Inc.

Part # EUP-320S460SV
Download  EUP-320S460SV Click to download

File Size   749.09 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 320W AOC IP67 Driver

EUP-320S460SV Datasheet (HTML) - Inventronics Inc.


EUP-320S460SV Product details

Features
 Ultra High Efficiency (Up to 93.5%)
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Dip-switch
 Non-dimming Control
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: OVP, SCP, OTP
 IP67
 SELV Output
 5 Years Warranty
Descriptio
The EUP-320SxxxSV series is a 320W, constant-current, AOC IP67 LED driver that operates from 90-305 Vac
input with excellent power factor. It is created for many lighting applications including high bay, high mast,
aquaculture and sports, etc. The high efficiency of these drivers and compact metal case enables them to run
cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is
provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUP-320S460SV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUP-096S070SV INVENTRONICS-EUP-096S070SV Datasheet
1Mb / 12P
96W AOC IP67 Driver
Rev. D
EUP-096S105SV INVENTRONICS-EUP-096S105SV Datasheet
1Mb / 12P
96W AOC IP67 Driver
Rev. D
EUP-096S150SV INVENTRONICS-EUP-096S150SV Datasheet
1Mb / 12P
96W AOC IP67 Driver
Rev. D
EUP-096S210SV INVENTRONICS-EUP-096S210SV Datasheet
1Mb / 12P
96W AOC IP67 Driver
Rev. D
EUP-096S350SV INVENTRONICS-EUP-096S350SV Datasheet
1Mb / 12P
96W AOC IP67 Driver
Rev. D
More results


Similar Description - EUP-320S460SV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-ESD-320SXXXDT INVENTRONICS-DS-ESD-320SXXXDT Datasheet
748Kb / 15P
320W Programmable IP67 Driver
Rev. H
DS-ESD-320SXXXDV INVENTRONICS-DS-ESD-320SXXXDV Datasheet
1Mb / 14P
320W Programmable IP67 Driver
Rev. B
ESM-320SXXXDX INVENTRONICS-ESM-320SXXXDX Datasheet
855Kb / 15P
320W P rogrammable IP66/IP67 Driver
Rev.C
ESV-320SXXXST INVENTRONICS-ESV-320SXXXST Datasheet
449Kb / 8P
320W Constant Voltage IP67 Driver
Rev. A
ESV-320SXXXSV INVENTRONICS-ESV-320SXXXSV Datasheet
391Kb / 8P
320W Constant Voltage IP67 Driver
Rev. A
EUP-096SXXXSV INVENTRONICS-EUP-096SXXXSV Datasheet
1Mb / 12P
96W AOC IP67 Driver
Rev. D
EUK-320SXXXDTTT INVENTRONICS-EUK-320SXXXDTTT Datasheet
843Kb / 14P
320W Pro grammable IP67 Driver
Rev. E
EUK-320SXXXDV INVENTRONICS-EUK-320SXXXDV Datasheet
880Kb / 15P
320W Pro grammable IP67 Driver
Rev. E
EUC-320SXXXDT INVENTRONICS-EUC-320SXXXDT Datasheet
1Mb / 13P
320W Constant Current IP67 Driver
Rev. E
EUC-320SXXXDV INVENTRONICS-EUC-320SXXXDV Datasheet
1Mb / 12P
320W Constant Current IP67 Driver
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com