Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL3585ETR13 Datasheet (PDF) - List of Unclassifed Manufacturers

IL3585ETR13 Datasheet PDF - List of Unclassifed Manufacturers
Part # IL3585ETR13
Download  IL3585ETR13 Download
File Size   327.09 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description PROFIBUS Compatible Isolated RS485 Interface

IL3585ETR13 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL3585ETR13 Datasheet PDF - List of Unclassifed Manufacturers

Part # IL3585ETR13
Download  IL3585ETR13 Click to download

File Size   327.09 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description PROFIBUS Compatible Isolated RS485 Interface

IL3585ETR13 Datasheet (HTML) - List of Unclassifed Manufacturers


IL3585ETR13 Product details

[NVE Corporation]

Description
The IL3585 is a galvanically isolated, high-speed differential bus transceiver, designed for bi-directional data communication on balanced transmission lines. Isolation is achieved through patented* Isoloop® technology. The IL3585 offers an exceptional 2.5 V differential output into a 54 Ωload, which translates to better data integrity over longer cable lengths, even at data rates as high as 40 Mbps. The device is also compatible with 3.3V input supplies, allowing interface to standard microcontrollers without the need for additional level shifting components.

Features
• 3.3 / 5 V Input Supply Compatible
• 2500 VRMS Isolation (1 min)
• 20 ns Propagation Delay
• 40 Mbps Data Rate
• 5 ns Pulse Skew
• 20 kV/us Transient Immunity
• Thermal Shutdown Protection
• -40°C to +85°C Temperature Range
• PROFIBUS Compliant
• 16 Pin SOIC Package
• UL1577 Approval Pending
• IEC 61010-1 Approval Pending

Applications
• Security Networks
• ProfiBus DP and FMS Networks
• Building Environmental Controls
• Industrial Control Networks
• Gaming Systems
• Factory Automation




Similar Part No. - IL3585ETR13

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
IL3585E NVE-IL3585E Datasheet
272Kb / 16P
High Speed Isolated RS-485 Transceivers
IL3585E TR13 NVE-IL3585E TR13 Datasheet
272Kb / 16P
High Speed Isolated RS-485 Transceivers
More results


Similar Description - IL3585ETR13

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
Isolated RS485 Transceiver
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL485-3V ETC-IL485-3V Datasheet
348Kb / 8P
Isolated RS485-3V Interface
IL485W ETC-IL485W Datasheet
176Kb / 4P
Isolated RS485 Interface with Handshake
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
Isolated RS485 Transceiver
logo
RHOPOINT COMPONENTS
IL485W RHOPOINT-IL485W Datasheet
168Kb / 9P
Isolated RS485 Interface With Handshake
logo
Linear Technology
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
Isolated RS485 Transceiver
LTC2876 LINER-LTC2876 Datasheet
1Mb / 32P
짹60V Rugged PROFIBUS RS485 Transceivers
logo
Festo Corporation.
8086608 FESTO-8086608 Datasheet
91Kb / 3P
PROFIBUS interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com