Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7121 Datasheet (PDF) - AMIC Technology

A7121 Datasheet PDF - AMIC Technology
Part # A7121
Download  A7121 Download
File Size   127.35 Kbytes
Page   2 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 2.4GHz GFSK Transceiver

A7121 Datasheet (PDF)

Go To PDF Page Download Datasheet
A7121 Datasheet PDF - AMIC Technology

Part # A7121
Download  A7121 Click to download

File Size   127.35 Kbytes
Page   2 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 2.4GHz GFSK Transceiver

A7121 Datasheet (HTML) - AMIC Technology


A7121 Product details

General Description

A7121 is a monolithic CMOS integrated circuit for wireless applications in 2.4GHz ISM band. The device is provided in a 32-lead plastic QFN5X5 packaging and is designed as a complete GFSK transceiver up to 3Mbps data rate. The chip features a fully programmable frequency synthesizer with integrated VCO circuitry.



Features

  2400MHz~2484MHz worldwide license free frequency band

  Up to 79 selectable channels

  2.2 V – 2.8 V voltage supply

  Programmable output power up to 0dBm

  Channel switching time < 200us

  1 or 3Mbps high speed data rate

  -20 ºC to 85 ºC operating temperature

  -87dBm sensitivity

  Direct / FIFO mode operation

  Modem interface for low speed, low cost microcontroller

  Low IF architecture with few external components

 

Typical Applications

  Wireless digital audio

  Wireless Mouse and Keyboard

  2.4GHz ISM Band Communication System

  Wireless game pad

  Wireless toy



 




Similar Part No. - A7121

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A7121A AITSEMI-A7121A Datasheet
1Mb / 14P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz, 2.0A, 6V SYNCHRONOUS
REV1.4
A7121AE5R AITSEMI-A7121AE5R Datasheet
1Mb / 14P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz, 2.0A, 6V SYNCHRONOUS
REV1.4
A7121AE5VR AITSEMI-A7121AE5VR Datasheet
1Mb / 14P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz, 2.0A, 6V SYNCHRONOUS
REV1.4
A7121AE6R AITSEMI-A7121AE6R Datasheet
1Mb / 14P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz, 2.0A, 6V SYNCHRONOUS
REV1.4
A7121AE6VR AITSEMI-A7121AE6VR Datasheet
1Mb / 14P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz, 2.0A, 6V SYNCHRONOUS
REV1.4
More results


Similar Description - A7121

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2938 RFMD-RF2938 Datasheet
528Kb / 20P
2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
2.4GHz RF Transceiver
logo
RF Micro Devices
RF2948B RFMD-RF2948B Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2958 RFMD-RF2958 Datasheet
235Kb / 20P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01 Datasheet
182Kb / 14P
2.4GHZ BLUETOOTH TRANSCEIVER MODULE
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
2.4GHz FSK Transceiver
logo
List of Unclassifed Man...
RFM75P ETC2-RFM75P Datasheet
612Kb / 26P
Low Power High Performance 2.4 GHz GFSK Transceiver
logo
HOPE Microelectronics C...
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
Low Power High Performance GFSK Transceiver
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
Low Power High Performance GFSK Transceiver
logo
List of Unclassifed Man...
A7108 ETC-A7108 Datasheet
906Kb / 57P
315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com