Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2938 Datasheet (PDF) - RF Micro Devices

RF2938 Datasheet PDF - RF Micro Devices
Part # RF2938
Download  RF2938 Download
File Size   528.11 Kbytes
Page   20 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 2.4GHZ SPREAD-SPECTRUM TRANSCEIVER

RF2938 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2938 Datasheet PDF - RF Micro Devices

Part # RF2938
Download  RF2938 Click to download

File Size   528.11 Kbytes
Page   20 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 2.4GHZ SPREAD-SPECTRUM TRANSCEIVER

RF2938 Datasheet (HTML) - RF Micro Devices


RF2938 Product details

Product Description
The RF2938 is a monolithic integrated circuit specifically designed for direct-sequence spread-spectrum systems operating in the 2.4GHz ISM band. The part includes a direct conversion from IF receiver, quadrature demodulator, I/Q baseband amplifiers with gain control and RSSI, on-chip programmable baseband filters, dual data comparators. For the transmit side, a QPSK modulator and upconverter are provided. The design reuses the IF SAW filter for transmit and receive reducing the number of SAW filters required. Two cell or regulated three cell (3.6V maximum) battery applications are supported by the part. The part is also designed to be part of a 2.4GHz chip set consisting of the RF2444 LNA/Mixer and one of the many RFMD high efficiency GaAs HBT PA’s and a dual frequency synthesizer.

Features
• 45MHz to 500MHz IF Quad Demod
• On-Chip Variable Baseband Filters
• Quadrature Modulator and Upconverter
• 2.7V to 3.6V Operation
• Part of 2.4GHz Radio Chipset
• 2.4GHz PA Driver

Typical Applications
• Wireless LANs
• Wireless Local Loop
• Secure Communication Links
• Inventory Tracking
• Wireless Security
• Digital Cordless Telephones




Similar Part No. - RF2938

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
More results


Similar Description - RF2938

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
Spread-Spectrum Transceiver
logo
RF Micro Devices
RF2948B RFMD-RF2948B Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
logo
Synaptics Incorporated.
RF109 CONEXANT-RF109 Datasheet
100Kb / 12P
2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
logo
RF Micro Devices
RF2958 RFMD-RF2958 Datasheet
235Kb / 20P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
logo
List of Unclassifed Man...
XE900S ETC1-XE900S Datasheet
70Kb / 16P
Smart Spread Spectrum Transceiver
XE900SL10 ETC1-XE900SL10 Datasheet
72Kb / 16P
Miniature Spread Spectrum Transceiver
logo
RF Monolithics, Inc
DNT90CA RFM-DNT90CA Datasheet
192Kb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
List of Unclassifed Man...
TRW-24DSHI ETC2-TRW-24DSHI Datasheet
457Kb / 7P
2.4GHz Direct Sequence Spread Spectrum Hi Power Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
2.4GHz Direct Sequence Spread Spectrum RF Module
logo
Murata Manufacturing Co...
DNT900 MURATA-DNT900 Datasheet
1Mb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com