Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2905 Datasheet (PDF) - RF Micro Devices

RF2905 Datasheet PDF - RF Micro Devices
Part # RF2905
Download  RF2905 Download
File Size   490.91 Kbytes
Page   22 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER

RF2905 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2905 Datasheet PDF - RF Micro Devices

Part # RF2905
Download  RF2905 Click to download

File Size   490.91 Kbytes
Page   22 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER

RF2905 Datasheet (HTML) - RF Micro Devices


RF2905 Product details

Product Description
The RF2905 is a monolithic integrated circuit intended for use as a low cost FM transceiver. The device is provided in 7mmx7mm, 48-lead plastic LQFP packaging and is designed to provide a fully functional FM transceiver. The chip is intended for linear (AM, FM) or digital (ASK, FSK, OOK) applications in the North American 915MHz ISM band and European 433MHz and 868MHz ISM bands. The integrated VCO, dual modulus/dual divide (128/129 or 64/65) prescaler, and reference oscillator require only the addition of an external crystal to provide a complete phase-locked oscillator.

Features
• Fully Monolithic Integrated Transceiver
• 2.7V to 5.0V Supply Voltage
• Narrow Band and Wide Band FM/FSK
• 300MHz to 1000MHz Frequency Range
• 10dB Cascaded Noise Figure
• 10mW Output Power at 433MHz

Typical Applications
• Wireless Meter Reading
• Keyless Entry Systems
• 433/868/915MHz ISM Band Systems
• Wireless Data Transceiver
• Wireless Security Systems
• Battery Powered Portable Devices




Similar Part No. - RF2905

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
More results


Similar Description - RF2905

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
433/868/915MHZ ASK/OOK RECEIVER
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
List of Unclassifed Man...
TH71112 ETC-TH71112 Datasheet
668Kb / 20P
868/915MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71111 MELEXIS-TH71111 Datasheet
405Kb / 22P
868/915MHz FSK/FM/ASK Receiver
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
868/915MHz FSK/FM/ASK Receiver
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
868/915MHz FSK/FM/ASK Transmitter
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
868/915MHz FSK/ASK Transmitter
logo
List of Unclassifed Man...
A7108 ETC-A7108 Datasheet
906Kb / 57P
315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com