Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2945 Datasheet (PDF) - RF Micro Devices

RF2945 Datasheet PDF - RF Micro Devices
Part # RF2945
Download  RF2945 Download
File Size   742.82 Kbytes
Page   24 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 433/868/915MHZ FSK/ASK/OOK TRANSCEIVER

RF2945 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2945 Datasheet PDF - RF Micro Devices

Part # RF2945
Download  RF2945 Click to download

File Size   742.82 Kbytes
Page   24 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 433/868/915MHZ FSK/ASK/OOK TRANSCEIVER

RF2945 Datasheet (HTML) - RF Micro Devices


RF2945 Product details

Product Description
The RF2945 is a monolithic integrated circuit intended for use as a low cost FM transceiver. The device is provided in 32-lead plastic LQFP packaging and is designed to be used with a PLL IC to provide a fully functional FM transceiver. The chip is intended for digital (ASK, FSK, OOK) applications in the North American 915MHz ISM band and European 433/868MHz ISM bands. The integrated VCO has a buffered output to feed the RF signal back to the PLL IC to form the frequency synthesizer.

Features
• Fully Monolithic Integrated Transceiver
• 2.4V to 5.0V Supply Voltage
• Narrowband and Wideband FSK
• 300MHz to 1000MHz Frequency Range
• 10dB Cascaded Noise Figure
• 10mW Output Power With Power Control

Typical Applications
• Wireless Meter Reading
• Keyless Entry Systems
• 433, 868 and 915MHz ISM Band Systems
• Wireless Data Transceiver
• Wireless Security Systems
• Battery-Powered Portable Devices




Similar Part No. - RF2945

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2942 RFMD-RF2942 Datasheet
206Kb / 12P
UHF QUADRATURE MODULATOR AND TRANSMITTER
RF2948B RFMD-RF2948B Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2948BPCBA RFMD-RF2948BPCBA Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2948BTR13 RFMD-RF2948BTR13 Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
More results


Similar Description - RF2945

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
433/868/915MHZ ASK/OOK RECEIVER
logo
Infineon Technologies A...
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
logo
Melexis Microelectronic...
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
868/915MHz FSK/ASK Transmitter
logo
List of Unclassifed Man...
A7108 ETC-A7108 Datasheet
906Kb / 57P
315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com