Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2942 Datasheet (PDF) - RF Micro Devices

RF2942 Datasheet PDF - RF Micro Devices
Part # RF2942
Download  RF2942 Download
File Size   206.8 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description UHF QUADRATURE MODULATOR AND TRANSMITTER

RF2942 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2942 Datasheet PDF - RF Micro Devices

Part # RF2942
Download  RF2942 Click to download

File Size   206.8 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description UHF QUADRATURE MODULATOR AND TRANSMITTER

RF2942 Datasheet (HTML) - RF Micro Devices


RF2942 Product details

Product Description

The RF2942 is an integrated power amplifier and quadrature modulator IC. The quadrature modulator is driven with a single-ended local oscillator (LO)source. The quadrature phase generation of the LO is accomplished using an internal passive network tuned for twice the operating frequency. The LO frequency is at twice the RF frequency to avoid interfering with an external synthesizer.



Features

• 2.0V to 3.6V Power Supply

• 902MHz to 928MHz Frequency Range

• 200mW Output Power

• Low LO Input Level

• Low Broadband Noise Floor

• Small Footprint



Typical Applications

• 915MHz ISM Band Products

• Digital Communications

• Quadrature Modulation

• Portable Battery-Powered Equipment




Similar Part No. - RF2942

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2948B RFMD-RF2948B Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2948BPCBA RFMD-RF2948BPCBA Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2948BTR13 RFMD-RF2948BTR13 Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
More results


Similar Description - RF2942

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2424 RFMD-RF2424 Datasheet
89Kb / 6P
UHF QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
logo
RF Micro Devices
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
UHF QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com