Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2402 Datasheet (PDF) - RF Micro Devices

RF2402 Datasheet PDF - RF Micro Devices
Part # RF2402
Download  RF2402 Download
File Size   84.67 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description UHF QUADRATURE MODULATOR

RF2402 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2402 Datasheet PDF - RF Micro Devices

Part # RF2402
Download  RF2402 Click to download

File Size   84.67 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description UHF QUADRATURE MODULATOR

RF2402 Datasheet (HTML) - RF Micro Devices


RF2402 Product details

Product Description
The RF2402 is a monolithic integrated universal modulation system capable of generating modulated AM, PM, or compound carriers in the UHF frequency range. The IC contains all of the required components to implement the modulation function including differential amplifiers for the baseband inputs, a 90° hybrid phase splitter, limiting LO amplifiers, two balanced mixers, a combining amplifier, and an output RF amplifier which will drive a 50Ω load.

Features
• Single 3V to 5V Power Supply
• Low Power and Small Size
• CMOS Compatible Power Down Control
• Excellent Amplitude and Phase Balance
• Low Broadband Noise Floor
• 600MHz to 1000MHz Operation

Typical Applications
• Digital and Spread-Spectrum Systems
• GMSK, QPSK, DQPSK, QAM Modulation
• GSM and D-AMPS Cellular Systems
• AM, SSB, DSB Modulation
• Image-Reject Upconverters




Similar Part No. - RF2402

ManufacturerPart #DatasheetDescription
logo
NiceRF Wireless Technol...
RF2401F27 G-NICE-RF2401F27 Datasheet
892Kb / 11P
we suggest to use the our antennas
2025-6
More results


Similar Description - RF2402

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2424 RFMD-RF2424 Datasheet
89Kb / 6P
UHF QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2942 RFMD-RF2942 Datasheet
206Kb / 12P
UHF QUADRATURE MODULATOR AND TRANSMITTER
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com