Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2402 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2402
Description  UHF QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2402 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2402 Datasheet HTML 1Page - RF Micro Devices RF2402 Datasheet HTML 2Page - RF Micro Devices RF2402 Datasheet HTML 3Page - RF Micro Devices RF2402 Datasheet HTML 4Page - RF Micro Devices RF2402 Datasheet HTML 5Page - RF Micro Devices RF2402 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5-2
RF2402
Rev B1 010329
5
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (
VDD)
-0.5 to +7.5
VDC
Power Down Voltage
-0.5 to VDD+0.4
VDC
Input LO and RF Levels
+6
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Carrier Input
T=25°C, VCC=5VDC, I&Q inputs=2VPP
Frequency Range
600 to 1000
MHz
Power Level
-3 to +6
dBm
Input VSWR
1.2:1
With external 50
Ω termination.
Input Impedance
200- j200
Ω
At 900MHz, without external 50
Ω termina-
tion.
Modulation Input
Frequency Range
DC to 100
MHz
Reference Voltage (VREF)
2.0 to 3.0
V
Modulation (I&Q)
VREF±2
V
I & Q signals for 0dBm output power.
Maximum Modulation (I&Q)
VREF±2.5
V
In-phase and quadrature signals.
Input Resistance
3000
Ω
DC Offset
50
150
mV
ISIG-IREF and QSIG-QREF for DC balance
Amplitude Error (I/Q)
0.2
dB
Quadrature Phase Error
±3
°
From 800MHz to 1000MHz.
RF Output
VDD=5V, LO Power=0dBm, LO
Freq= 900MHz, SSB
Output Power
0
dBm
Output Impedance
50
Ω
Output VSWR
1.5:1
Broadband Noise Floor
-155
dBm/Hz
Sideband Suppression
25
dB
Carrier Suppression
40
dB
Modulation DC offset externally adjusted for
optimum suppression. Suppression is typi-
cally better than 25dB without adjustment.
Power Down
Turn On/Off Time
<100
ns
PD Input Resistance
> 1
M
Ω
Power Down “ON”
VCC
V
Threshold voltage
Power Down “OFF”
0
V
Threshold voltage
Power Supply
Voltage
5
V
Specifications
3 to 5.5
V
Operating Limits
Current
28
39
mA
Operating
0.5
2
mA
Power Down
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com