Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2402 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2402
Description  UHF QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2402 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2402 Datasheet HTML 1Page - RF Micro Devices RF2402 Datasheet HTML 2Page - RF Micro Devices RF2402 Datasheet HTML 3Page - RF Micro Devices RF2402 Datasheet HTML 4Page - RF Micro Devices RF2402 Datasheet HTML 5Page - RF Micro Devices RF2402 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5-4
RF2402
Rev B1 010329
5
Application Schematic
Pin
Function
Description
Interface Schematic
10
GND1
Ground connection of the LO phase shift network. This pin should be
connected directly to the ground plane.
11
GND
Ground connection for other circuits. Keep traces short and connect to
ground plane immediately.
12
GND
Same as pin 11.
13
GND2
Ground connection for the RF output stage. A good ground connection
is especially important at this pin to avoid interference with other cir-
cuits.
14
RF OUT
50
Ω output. This pin carries a DC voltage, and an external blocking
capacitor is recommended.
RF OUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
POWER
CONTROL
Σ
33 pF
RF OUTPUT
33 pF
100 nF
100 nF
100
Ω
100
Ω
56
Ω
33 pF
LO INPUT
100
Ω
100
Ω
100 nF
V
DD
POWER
DOWN
I INPUT
Z
IN=100
V
REF
I INPUT
Z
IN=100
CMOS
50
Ωµstrip
50
Ωµstrip
+45°
-45°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com