Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2402 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2402
Description  UHF QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2402 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2402 Datasheet HTML 1Page - RF Micro Devices RF2402 Datasheet HTML 2Page - RF Micro Devices RF2402 Datasheet HTML 3Page - RF Micro Devices RF2402 Datasheet HTML 4Page - RF Micro Devices RF2402 Datasheet HTML 5Page - RF Micro Devices RF2402 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-1
5
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VDD2
VDD1
VPD
I SIG
I REF
Q REF
Q SIG
RF OUT
GND2
GND
GND
GND1
PHASE
LO IN
POWER
CONTROL
Σ
+45°
-45°
RF2402
UHF QUADRATURE MODULATOR
• Digital and Spread-Spectrum Systems
• GMSK, QPSK, DQPSK, QAM Modulation
• GSM and D-AMPS Cellular Systems
• AM, SSB, DSB Modulation
• Image-Reject Upconverters
The RF2402 is a monolithic integrated universal modula-
tion system capable of generating modulated AM, PM, or
compound carriers in the UHF frequency range. The IC
contains all of the required components to implement the
modulation function including differential amplifiers for the
baseband inputs, a 90° hybrid phase splitter, limiting LO
amplifiers, two balanced mixers, a combining amplifier,
and an output RF amplifier which will drive a 50
Ω load.
Component matching, which can only be accomplished
with monolithic construction, is used to full advantage to
obtain excellent amplitude balance and high phase accu-
racy. The unit features low power consumption, single
power supply operation, and adjustment free operation
with no external parts required to operate the part as
specified.
• Single 3V to 5V Power Supply
• Low Power and Small Size
• CMOS Compatible Power Down Control
• Excellent Amplitude and Phase Balance
• Low Broadband Noise Floor
• 600MHz to 1000MHz Operation
RF2402
UHF Quadrature Modulator
RF2402 PCBA
Fully Assembled Evaluation Board
5
Rev B1 010329
.157
.150
.050
.016
8 °MAX
0°MIN
.065
.043
.244
.228
.010
.007
.344
.337
.010
.004
.050
.018
.014
1
Package Style: SOP-14


Similar Part No. - RF2402

ManufacturerPart #DatasheetDescription
logo
NiceRF Wireless Technol...
RF2401F27 G-NICE-RF2401F27 Datasheet
892Kb / 11P
we suggest to use the our antennas
2025-6
More results

Similar Description - RF2402

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2424 RFMD-RF2424 Datasheet
89Kb / 6P
UHF QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2942 RFMD-RF2942 Datasheet
206Kb / 12P
UHF QUADRATURE MODULATOR AND TRANSMITTER
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com