Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2424 Datasheet (PDF) - RF Micro Devices

RF2424 Datasheet PDF - RF Micro Devices
Part # RF2424
Download  RF2424 Download
File Size   89.83 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description UHF QUADRATURE MODULATOR

RF2424 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2424 Datasheet PDF - RF Micro Devices

Part # RF2424
Download  RF2424 Click to download

File Size   89.83 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description UHF QUADRATURE MODULATOR

RF2424 Datasheet (HTML) - RF Micro Devices


RF2424 Product details

Product Description
The RF2424 is a monolithic integrated quadrature modulator IC capable of universal direct modulation for high frequency AM, PM, or compound carriers. Maximum output power is +7.5dBm, which is achieved with low input I and Q signal levels. This low-cost IC implements differential amplifiers for the modulation inputs, 90° carrier phase shift network, carrier limiting amplifiers, two matched double-balanced mixers, summing amplifier, and an output RF amplifier which will drive 50Ω from 700MHz to 1000MHz.

Features
• Single 2.7V to 5.5V Power Supply
• +7.5dBm Output Power
• No Tuning Required
• Low LO Input Level
• Digitally Controlled Power Down Mode
• 700MHz to 1000MHz Operation

Typical Applications
• Digital Communications Systems
• Spread Spectrum Communication Systems
• GMSK,QPSK,DQPSK,QAM Modulation
• GSM and D-AMPS Systems
• AM, SSB, DSB Modulation
• Image-Reject Upconverters




Similar Part No. - RF2424

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2420 RFMD-RF2420 Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2420PCBA RFMD-RF2420PCBA Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2421 RFMD-RF2421 Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2421PCBA RFMD-RF2421PCBA Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results


Similar Description - RF2424

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2942 RFMD-RF2942 Datasheet
206Kb / 12P
UHF QUADRATURE MODULATOR AND TRANSMITTER
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
UHF QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com