Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2420 Datasheet (PDF) - RF Micro Devices

RF2420 Datasheet PDF - RF Micro Devices
Part # RF2420
Download  RF2420 Download
File Size   61.28 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PROGRAMMABLE ATTENUATOR

RF2420 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2420 Datasheet PDF - RF Micro Devices

Part # RF2420
Download  RF2420 Click to download

File Size   61.28 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PROGRAMMABLE ATTENUATOR

RF2420 Datasheet (HTML) - RF Micro Devices


RF2420 Product details

Product Description
The RF2420 is a multistage monolithic programmable attenuator. The device is built using an advanced Gallium Arsenide process technology and has an attenuation programmability over a 44dB range in 2dB steps. The attenuation is set by five bits of digital data. The input and output of the device have a low VSWR 50Ω match. This unit is intended for use in systems that require RF transmit power control by digital means. Typical applications are in dual mode IS-54/55 compatible cellular transceivers and TETRA systems. No negative supply voltages are required.

Features
• Single 3V to 6V Supply
• 0dB to 44dB Attenuation Range
• 4dB Insertion Loss
• 5-bit Digitally Controlled Attenuation
• Digitally Controlled Power Down Mode
• DC to 950MHz Frequency Range

Typical Applications
• Power Control in Communication Systems
• CMOS Compatible Programmable Attenuators
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment




Similar Part No. - RF2420

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2421 RFMD-RF2421 Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2421PCBA RFMD-RF2421PCBA Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
186Kb / 10P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results


Similar Description - RF2420

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RCDAT-6000-30 MINI-RCDAT-6000-30 Datasheet
932Kb / 8P
Programmable Attenuator
RCDAT-6000-90 MINI-RCDAT-6000-90 Datasheet
1Mb / 8P
Programmable Attenuator
RCDAT-8000-30 MINI-RCDAT-8000-30 Datasheet
785Kb / 8P
Programmable Attenuator
RCDAT-8000-90 MINI-RCDAT-8000-90 Datasheet
872Kb / 8P
Programmable Attenuator
RUDAT-13G-60 MINI-RUDAT-13G-60 Datasheet
822Kb / 9P
Programmable Attenuator
RUDAT-6000-30 MINI-RUDAT-6000-30 Datasheet
959Kb / 9P
Programmable Attenuator
RUDAT-6000-110 MINI-RUDAT-6000-110 Datasheet
1Mb / 8P
Programmable Attenuator
RC4DAT-6G-60 MINI-RC4DAT-6G-60 Datasheet
1Mb / 9P
Programmable Attenuator
RCDAT-30G-30 MINI-RCDAT-30G-30 Datasheet
908Kb / 10P
Programmable Attenuator
RC4DAT-8G-95 MINI-RC4DAT-8G-95 Datasheet
974Kb / 10P
Programmable Attenuator
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com