Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2420 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2420
Description  PROGRAMMABLE ATTENUATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2420 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2420 Datasheet HTML 1Page - RF Micro Devices RF2420 Datasheet HTML 2Page - RF Micro Devices RF2420 Datasheet HTML 3Page - RF Micro Devices RF2420 Datasheet HTML 4Page - RF Micro Devices RF2420 Datasheet HTML 5Page - RF Micro Devices RF2420 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9-12
RF2420
Rev A6 010720
9
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
2dB
4dB
8dB
10 dB
20 dB
P2-1
C4
100 pF
C8
100 pF
C7
100 pF
C5
100 pF
C6
100 pF
C9
100 pF
2420400B
C1
100 pF
P1-3
C3
10
µF
C2
120 pF
Note:
Series resonant at F0; place C2
midway between pin 2 and pin 8
50
Ωµstrip
J1
SMA
RF IN
50
Ωµstrip
J2
SMA
RF OUT
P2-3
P2-5
P2-2
P2-4
NC
P1-3
VDD
GND
P1
1
2
3
NC
NC
NC
NC
P2-1
G2
P2-2
G4
P2-3
G8
P2-4
G10
P2-5
G20
GND
1
2
3
4
5
6
7
8
9
10
P2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com