Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2422 Datasheet (PDF) - RF Micro Devices

RF2422 Datasheet PDF - RF Micro Devices
Part # RF2422
Download  RF2422 Download
File Size   68.95 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 2.5GHZ DIRECT QUADRATURE MODULATOR

RF2422 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2422 Datasheet PDF - RF Micro Devices

Part # RF2422
Download  RF2422 Click to download

File Size   68.95 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 2.5GHZ DIRECT QUADRATURE MODULATOR

RF2422 Datasheet (HTML) - RF Micro Devices


RF2422 Product details

Product Description
The RF2422 is a monolithic integrated quadrature modulator IC capable of universal direct modulation for high frequency AM, PM, or compound carriers. This low-cost IC implements differential amplifiers for the modulation inputs, 90° carrier phase shift network, carrier limiting amplifiers, two matched double-balanced mixers, summing amplifier, and an output RF amplifier which will drive 50Ω from 800MHz to 2500MHz. Component matching, which can only be accomplished with monolithic construction, is used to full advantage to obtain excellent amplitude balance and phase accuracy.

Features
• Single 5V Power Supply
• Integrated RF Quadrature Network
• No Tuning Required
• Low LO Input Level
• Digitally Controlled Power Down Mode
• 800MHz to 2500MHz Operation

Typical Applications
• Digital Communications Systems
• Spread-Spectrum Communication Systems
• GMSK,QPSK,DQPSK,QAM Modulation
• GSM, DCS 1800, JDC, D-AMPS Systems
• Commercial and Consumer Systems




Similar Part No. - RF2422

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2422 RFMD-RF2422 Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
186Kb / 10P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
150Kb / 9P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422PCBA RFMD-RF2422PCBA Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422PCBA-41X RFMD-RF2422PCBA-41X Datasheet
186Kb / 10P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results


Similar Description - RF2422

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_06 Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_1 Datasheet
186Kb / 10P
2.5GHZ DIRECT QUADRATURE MODULATOR
logo
Linear Technology
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
logo
RF Micro Devices
RF2422 RFMD-RF2422_12 Datasheet
150Kb / 9P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com