Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2422 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2422
Description  2.5GHZ DIRECT QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2422 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2422 Datasheet HTML 1Page - RF Micro Devices RF2422 Datasheet HTML 2Page - RF Micro Devices RF2422 Datasheet HTML 3Page - RF Micro Devices RF2422 Datasheet HTML 4Page - RF Micro Devices RF2422 Datasheet HTML 5Page - RF Micro Devices RF2422 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
5-29
5
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IREF
QREF
GND2
GND2
GND2
LO
VCC1
PD
ISIG
QSIG
GND1
GND1
GND1
VCC2
GND1
RF OUT
Σ
POWER
CONTROL
-45°
+45°
RF2422
2.5GHZ DIRECT QUADRATURE MODULATOR
• Digital Communications Systems
• Spread-Spectrum Communication Systems
• GMSK,QPSK,DQPSK,QAM Modulation
• GSM, DCS 1800, JDC, D-AMPS Systems
• Commercial and Consumer Systems
The RF2422 is a monolithic integrated quadrature modu-
lator IC capable of universal direct modulation for high-
frequency AM, PM, or compound carriers. This low-cost
IC implements differential amplifiers for the modulation
inputs, 90° carrier phase shift network, carrier limiting
amplifiers, two matched double-balanced mixers, sum-
ming amplifier, and an output RF amplifier which will drive
50
Ω from 800MHz to 2500MHz. Component matching,
which can only be accomplished with monolithic con-
struction, is used to full advantage to obtain excellent
amplitude balance and phase accuracy.
• Single 5V Power Supply
• Integrated RF Quadrature Network
• No Tuning Required
• Low LO Input Level
• Digitally Controlled Power Down Mode
• 800MHz to 2500MHz Operation
RF2422
2.5GHz Direct Quadrature Modulator
RF2422 PCBA
Fully Assembled Evaluation Board
5
Rev A5 010817
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding
mold flash.
3. Lead coplanarity - 0.005 with
respect to datum "A".
0.050
0.018
0.014
0.157
0.150
0.393
0.386
0.244
0.229
8° MAX
0° MIN
0.034
0.016
0.009
0.007
0.068
0.053
0.008
0.004
-A-
Package Style: SOIC-16


Similar Part No. - RF2422

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2422 RFMD-RF2422 Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
186Kb / 10P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
150Kb / 9P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422PCBA RFMD-RF2422PCBA Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422PCBA-41X RFMD-RF2422PCBA-41X Datasheet
186Kb / 10P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2422

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_06 Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_1 Datasheet
186Kb / 10P
2.5GHZ DIRECT QUADRATURE MODULATOR
logo
Linear Technology
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
logo
RF Micro Devices
RF2422 RFMD-RF2422_12 Datasheet
150Kb / 9P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com