Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2422 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2422
Description  2.5GHZ DIRECT QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2422 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2422 Datasheet HTML 1Page - RF Micro Devices RF2422 Datasheet HTML 2Page - RF Micro Devices RF2422 Datasheet HTML 3Page - RF Micro Devices RF2422 Datasheet HTML 4Page - RF Micro Devices RF2422 Datasheet HTML 5Page - RF Micro Devices RF2422 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5-32
RF2422
Rev A5 010817
5
Application Schematic
AC-Coupled
Pin
Function
Description
Interface Schematic
16
I SIG
Baseband input to the I mixer. This pin is DC-coupled. Maximum output
power is obtained when the input signal has a peak to peak amplitude
of 2V. The recommended DC level for this pin is 3.0V. The peak mini-
mum voltage on this pin (VREF - peak modulation amplitude) should
never drop below 2.0V. The peak maximum voltage on this pin (VREF +
peak modulation amplitude) should never exceed 4.0V.
See pin 1.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S
POWER
CONTROL
100 nF
100 nF
PD
LO IN
V
REF
ISIG
100 nF
RF OUT
NOTE:
The values of R and C depend on the minimum
baseband frequency (i.e., the cutoff frequency of
this high pass filter should be lower than the
lowest frequency component in the I/Q spectrum).
QSIG
-45°
+45°
C
R
R
R
R
V
CC
V
CC
C
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com