Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2422 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2422
Description  2.5GHZ DIRECT QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2422 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2422 Datasheet HTML 1Page - RF Micro Devices RF2422 Datasheet HTML 2Page - RF Micro Devices RF2422 Datasheet HTML 3Page - RF Micro Devices RF2422 Datasheet HTML 4Page - RF Micro Devices RF2422 Datasheet HTML 5Page - RF Micro Devices RF2422 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5-33
RF2422
Rev A5 010817
5
Application Schematic
DC-Coupled
Evaluation Board Schematic
1.5” x 1.5”
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Σ
POWER
CONTROL
-45°
+45°
100 nF
100 nF
100 nF
PD
LO IN
V
REF
100 nF
RF OUT
V
CC
V
CC
ISIG
QSIG
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Σ
POWER
CONTROL
C1
100 nF
P1-1
C3
100 nF
P1-1
P2-1
C2
100 nF
J1
LO IN
J2
RF OUT
J4
ISIG
J3
QSIG
2422400A
-45°
+45°
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
P2
1
2
3
NC
GND
P2-1
REF
P1
1
2
3
NC
P1-1
VCC
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com