Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2422 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2422
Description  2.5GHZ DIRECT QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2422 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2422 Datasheet HTML 1Page - RF Micro Devices RF2422 Datasheet HTML 2Page - RF Micro Devices RF2422 Datasheet HTML 3Page - RF Micro Devices RF2422 Datasheet HTML 4Page - RF Micro Devices RF2422 Datasheet HTML 5Page - RF Micro Devices RF2422 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5-30
RF2422
Rev A5 010817
5
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +7.5
VDC
Input LO and RF Levels
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Carrier Input
T = 25°C, VCC=5V
Frequency Range
800
2500
MHz
Power Level
-6
+6
dBm
Input VSWR
5:1
At 900MHz
1.8:1
At 1800MHz
1.2:1
At 2500MHz
Modulation Input
Frequency Range
DC
250
MHz
Reference Voltage (VREF)2.0
3.0
V
Maximum Modulation (I&Q)
VREF±1.0
V
Gain Asymmetry
0.2
dB
Quadrature Phase Error
3
°
Input Resistance
30
k
Ω
Input Bias Current
40
µA
RF Output
LO= 2GHz and -5dBm, I&Q= 2.0VPP, SSB
Output Power
-3
+3
dBm
Output Impedance
50
Ω
Output VSWR
3.5:1
At 900MHz
1.3:1
At 2000MHz
1.15:1
At 2500MHz
Harmonic Output
-30
-35
dBc
Sideband Suppression
25
35
dB
Carrier Suppression
30
35
dB
IM3 Suppression
30
35
dB
Intermodulation of the carrier and the
desired RF signal
25
30
dB
Intermodulation of baseband signals
Broadband Noise Floor
At 20MHz offset, VCC=5V.
Tied to VREF: ISIG, QSIG, IREF, and QREF.
-145
dBm/Hz
At 850MHz
-152
dBm/Hz
At 1900MHz
Power Down
Turn On/Off Time
100
ns
PD Input Resistance
50
k
Ω
Power Control “ON”
2.8
V
Threshold voltage
Power Control “OFF”
1.0
1.2
V
Threshold voltage
Power Supply
Voltage
5
V
Specifications
4.5
6.0
V
Operating Limits
Current
45
50
mA
Operating
25
µA
Power Down
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com