Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2421 Datasheet (PDF) - RF Micro Devices

RF2421 Datasheet PDF - RF Micro Devices
Part # RF2421
Download  RF2421 Download
File Size   40.3 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 10dB SWITCHED ATTENUATOR

RF2421 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2421 Datasheet PDF - RF Micro Devices

Part # RF2421
Download  RF2421 Click to download

File Size   40.3 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 10dB SWITCHED ATTENUATOR

RF2421 Datasheet (HTML) - RF Micro Devices


RF2421 Product details

Product Description
The RF2421 is a monolithic switched attenuator. The device is built using a Gallium Arsenide process technology and has a single step attenuation of 10dB. The input and output of the device has a low VSWR 50Ω match. The RF output can drive up to +16dBm. This unit is intended for use in systems that require RF power control by digital means. No negative supply voltages are required, and the current consumption is less than 5µA when the attenuator is off.

Features
• Single 2.7V to 6V Supply
• 10dB Single Step Attenuation
• 1 dB Insertion Loss
• 1-bit Digitally Controlled Attenuation
• Digitally Controlled Power Down Mode
• 500MHz to 3000 MHz Operation

Typical Applications
• Power Control in Communication Systems
• CMOS Compatible Programmable Attenuator
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment




Similar Part No. - RF2421

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2420 RFMD-RF2420 Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2420PCBA RFMD-RF2420PCBA Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
186Kb / 10P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results


Similar Description - RF2421

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-266 MACOM-AT-266_1 Datasheet
218Kb / 3P
Digital Attenuator, 1-Bit, 10dB Step, DC-2.0 GHz
logo
RF Micro Devices
TA0027 RFMD-TA0027 Datasheet
85Kb / 4P
Intergrated, Single-Step, 10dB Attenuator for Power Control Applications
logo
CRYSTEK CORPORATION
CATTEN-0100 CRYSTEKMICROWAVE-CATTEN-0100 Datasheet
319Kb / 2P
10dB Attenuator SMA 50 Ohm DC to 3GHz
logo
M/A-COM Technology Solu...
ELDC-10 MA-COM-ELDC-10 Datasheet
250Kb / 4P
Coupler, 10dB
MACP-010414-CA0370 MA-COM-MACP-010414-CA0370 Datasheet
163Kb / 4P
Coupler, 10dB
logo
CRYSTEK CORPORATION
CATTEN-0100 CRYSTEKMICROWAVE-CATTEN-0100_08 Datasheet
380Kb / 2P
10dB Attenuator SMA 50 Ohm DC to 3GHz
logo
M/A-COM Technology Solu...
ELDC-10TR MA-COM-ELDC-10TR Datasheet
250Kb / 4P
Coupler, 10dB
MACP-010414-CA0370 MA-COM-MACP-010414-CA0370 Datasheet
163Kb / 4P
Coupler, 10dB
logo
Vishay Barry
AVC2335CT-1000JN-2T-23 BARRY-AVC2335CT-1000JN-2T-23 Datasheet
570Kb / 1P
ALUMINUM NITRIDE 10dB ATTENUATOR
Revision Date 10/26/06
H05Z-1000J99-00C36-X BARRY-H05Z-1000J99-00C36-X Datasheet
151Kb / 2P
150W 10dB DC-4GHz BeO Leaded Attenuator
REV. FEB 27 2019
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com