Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0027 Datasheet (PDF) - RF Micro Devices

TA0027 Datasheet PDF - RF Micro Devices
Part # TA0027
Download  TA0027 Download
File Size   85.09 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Intergrated, Single-Step, 10dB Attenuator for Power Control Applications

TA0027 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA0027 Datasheet PDF - RF Micro Devices

Part # TA0027
Download  TA0027 Click to download

File Size   85.09 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Intergrated, Single-Step, 10dB Attenuator for Power Control Applications

TA0027 Datasheet (HTML) - RF Micro Devices


TA0027 Product details

Introduction
Wireless communication is continuing to expand into all areas of the business, government, and consumer sectors. New markets are opening around the world for products that will meet specialized requirements. To build such products, designers rely on having access to ever more sophisticated and integrated devices.




Similar Part No. - TA0027

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA002-10002 ETC2-TA002-10002 Datasheet
529Kb / 1P
LED Cooling Module
More results


Similar Description - TA0027

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2421 RFMD-RF2421 Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
logo
ANADIGICS, Inc
AWT6146 ANADIGICS-AWT6146 Datasheet
220Kb / 12P
QUAD BAND POWER AMPLIFIER MODULE WITH INTERGRATED POWER CONTROL
Rev. 0.5
logo
NEC
UPC1406HA NEC-UPC1406HA Datasheet
341Kb / 7P
DUAL ATTENUATOR(BIPOLAR ANALOG INTERGRATED CIRCUIT
logo
Tyco Electronics
AT-266 MACOM-AT-266_1 Datasheet
218Kb / 3P
Digital Attenuator, 1-Bit, 10dB Step, DC-2.0 GHz
logo
Microsemi Corporation
UM4300 MICROSEMI-UM4300_06 Datasheet
397Kb / 14P
FOR ATTENUATOR APPLICATIONS
logo
CRYSTEK CORPORATION
CATTEN-0100 CRYSTEKMICROWAVE-CATTEN-0100 Datasheet
319Kb / 2P
10dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-0100 CRYSTEKMICROWAVE-CATTEN-0100_08 Datasheet
380Kb / 2P
10dB Attenuator SMA 50 Ohm DC to 3GHz
logo
Peregrine Semiconductor
PE94302 PSEMI-PE94302 Datasheet
377Kb / 8P
RF Digital Step Attenuator For Rad-Hard Space Applications
logo
Vishay Barry
AVC2335CT-1000JN-2T-23 BARRY-AVC2335CT-1000JN-2T-23 Datasheet
570Kb / 1P
ALUMINUM NITRIDE 10dB ATTENUATOR
Revision Date 10/26/06
H05Z-1000J99-00C36-X BARRY-H05Z-1000J99-00C36-X Datasheet
151Kb / 2P
150W 10dB DC-4GHz BeO Leaded Attenuator
REV. FEB 27 2019
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com