Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2421 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2421
Description  10dB SWITCHED ATTENUATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2421 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2421 Datasheet HTML 1Page - RF Micro Devices RF2421 Datasheet HTML 2Page - RF Micro Devices RF2421 Datasheet HTML 3Page - RF Micro Devices RF2421 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9-15
9
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
!
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
NC
RF IN
GND
RF OUT
NC
G10
VDD
NC
RF2421
10dB SWITCHED ATTENUATOR
• Power Control in Communication Systems
• CMOS Compatible Programmable
Attenuator
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2421 is a monolithic switched attenuator. The
device is built using a Gallium Arsenide process technol-
ogy and has a single step attenuation of 10dB. The input
and output of the device has a low VSWR 50
Ω match.
The RF output can drive up to +16dBm. This unit is
intended for use in systems that require RF power control
by digital means. No negative supply voltages are
required, and the current consumption is less than 5
µA
when the attenuator is off.
• Single 2.7V to 6V Supply
• 10dB Single Step Attenuation
• 1 dB Insertion Loss
• 1-bit Digitally Controlled Attenuation
• Digitally Controlled Power Down Mode
• 500MHz to 3000 MHz Operation
RF2421
10dB Switched Attenuator
RF2421 PCBA
Fully Assembled Evaluation Board
9
Rev A6 001102
0.244
0.229
0.157
0.150
0.018
0.014
0.050
0.068
0.053
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding
mold flash.
3. Lead coplanarity -
0.005 with respect to datum "A".
Dimensions in mm
0.196
0.189
0.008
0.004
-A-
8° MAX
0° MIN
0.034
0.016
0.009
0.007
Package Style: SOIC-8


Similar Part No. - RF2421

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2420 RFMD-RF2420 Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2420PCBA RFMD-RF2420PCBA Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
186Kb / 10P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2421

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-266 MACOM-AT-266_1 Datasheet
218Kb / 3P
Digital Attenuator, 1-Bit, 10dB Step, DC-2.0 GHz
logo
RF Micro Devices
TA0027 RFMD-TA0027 Datasheet
85Kb / 4P
Intergrated, Single-Step, 10dB Attenuator for Power Control Applications
logo
CRYSTEK CORPORATION
CATTEN-0100 CRYSTEKMICROWAVE-CATTEN-0100 Datasheet
319Kb / 2P
10dB Attenuator SMA 50 Ohm DC to 3GHz
logo
M/A-COM Technology Solu...
ELDC-10 MA-COM-ELDC-10 Datasheet
250Kb / 4P
Coupler, 10dB
MACP-010414-CA0370 MA-COM-MACP-010414-CA0370 Datasheet
163Kb / 4P
Coupler, 10dB
logo
CRYSTEK CORPORATION
CATTEN-0100 CRYSTEKMICROWAVE-CATTEN-0100_08 Datasheet
380Kb / 2P
10dB Attenuator SMA 50 Ohm DC to 3GHz
logo
M/A-COM Technology Solu...
ELDC-10TR MA-COM-ELDC-10TR Datasheet
250Kb / 4P
Coupler, 10dB
MACP-010414-CA0370 MA-COM-MACP-010414-CA0370 Datasheet
163Kb / 4P
Coupler, 10dB
logo
Vishay Barry
AVC2335CT-1000JN-2T-23 BARRY-AVC2335CT-1000JN-2T-23 Datasheet
570Kb / 1P
ALUMINUM NITRIDE 10dB ATTENUATOR
Revision Date 10/26/06
H05Z-1000J99-00C36-X BARRY-H05Z-1000J99-00C36-X Datasheet
151Kb / 2P
150W 10dB DC-4GHz BeO Leaded Attenuator
REV. FEB 27 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com