Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2424 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2424
Description  UHF QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2424 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2424 Datasheet HTML 1Page - RF Micro Devices RF2424 Datasheet HTML 2Page - RF Micro Devices RF2424 Datasheet HTML 3Page - RF Micro Devices RF2424 Datasheet HTML 4Page - RF Micro Devices RF2424 Datasheet HTML 5Page - RF Micro Devices RF2424 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5-47
RF2424
Rev A6 010817
5
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Σ
POWER
CONTROL
-45°
+45°
L1
10 nH
50
Ωµstrip
LO IN
J3
L3
8.2 nH
C3
1nF
VREF
P2-1
VCC
P1-1
C1
1nF
C8
33 nF
C6
1nF
PD
P2-3
VCC
P1-1
R2
100
Ω
C9
100 pF
50
Ωµstrip
R3
100
Ω
50
Ωµstrip
C10
100 pF
QSIG
J2
ISIG
J1
C7
1nF
50
Ωµstrip
RF OUT
J4
C4
4pF
L2
6.8 nH
VCC
P1-1
C5
1nF
P1-1
P1
GND
GND
VCC
1
2
3
P2-1
P2-3
P2
PD
GND
VREF
1
2
3
Drawing 2424400 Rev -



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com