Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2424 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2424
Description  UHF QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2424 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2424 Datasheet HTML 1Page - RF Micro Devices RF2424 Datasheet HTML 2Page - RF Micro Devices RF2424 Datasheet HTML 3Page - RF Micro Devices RF2424 Datasheet HTML 4Page - RF Micro Devices RF2424 Datasheet HTML 5Page - RF Micro Devices RF2424 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
5-43
5
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IREF
QREF
VCC1
MIXOUT
GND1
GND1
LO
GND3
ISIG
QSIG
GND1
VCC2
PD
GND1
GND2
RFOUT
Σ
POWER
CONTROL
-45°
+45°
RF2424
UHF QUADRATURE MODULATOR
• Digital Communications Systems
• Spread Spectrum Communication Systems
• GMSK,QPSK,DQPSK,QAM Modulation
• GSM and D-AMPS Systems
• AM, SSB, DSB Modulation
• Image-Reject Upconverters
The RF2424 is a monolithic integrated quadrature modu-
lator IC capable of universal direct modulation for high-
frequency AM, PM, or compound carriers. Maximum out-
put power is +7.5 dBm, which is achieved with low input I
and Q signal levels. This low-cost IC implements differen-
tial amplifiers for the modulation inputs, 90° carrier phase
shift network, carrier limiting amplifiers, two matched dou-
ble-balanced mixers, summing amplifier, and an output
RF amplifier which will drive 50
Ω from 700MHz to
1000 MHz.
• Single 2.7V to 5.5V Power Supply
• +7.5dBm Output Power
• No Tuning Required
• Low LO Input Level
• Digitally Controlled Power Down Mode
• 700MHz to 1000MHz Operation
RF2424
UHF Quadrature Modulator
RF2424 PCBA
Fully Assembled Evaluation Board
5
Rev A6 010817
0.157
0.150
0.025
0.012
0.008
0.196
0.189
0.2440
0.2284
0.0688
0.0532
0.050
0.016
0.0098
0.0075
8° MAX
0°MIN
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding mold flash.
3. Lead coplanarity - 0.005 with respect to datum "A".
-A-
0.0098
0.0040
Package Style: SSOP-16


Similar Part No. - RF2424

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2420 RFMD-RF2420 Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2420PCBA RFMD-RF2420PCBA Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2421 RFMD-RF2421 Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2421PCBA RFMD-RF2421PCBA Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2424

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2942 RFMD-RF2942 Datasheet
206Kb / 12P
UHF QUADRATURE MODULATOR AND TRANSMITTER
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
UHF QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com