Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2945 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2945
Description  433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2945 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2945 Datasheet HTML 1Page - RF Micro Devices RF2945 Datasheet HTML 2Page - RF Micro Devices RF2945 Datasheet HTML 3Page - RF Micro Devices RF2945 Datasheet HTML 4Page - RF Micro Devices RF2945 Datasheet HTML 5Page - RF Micro Devices RF2945 Datasheet HTML 6Page - RF Micro Devices RF2945 Datasheet HTML 7Page - RF Micro Devices RF2945 Datasheet HTML 8Page - RF Micro Devices RF2945 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
11-216
RF2945
Rev A10 000919
11
Absolute Maximum Ratings
Parameter
Ratings
Unit
Supply Voltage
-0.5 to +5.5
VDC
Control Voltages
-0.5 to +5.0
VDC
Input RF Level
+10
dBm
Output Load VSWR
50:1
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=3.6V, Freq=915MHz
RF Frequency Range
300 to 1000
MHz
VCO and PLL Section
VCO Frequency Range
300 to 1000
MHz
VCO OUT Impedance
50
Ω
VCO OUT Level
-20
dBm
Freq= 915MHz
VCO/PLL Phase Noise
-72
dBc/Hz
10kHz offset, 5kHz loop BW
-98
dBc/Hz
100kHz offset, 5kHz loop BW
Transmit Section
Max Modulation Frequency
2
MHz
Min Modulation Frequency
Set by loop filter bandwidth
Maximum Power Level
+7
+8.5
dBm
Freq= 433MHz
1
+3
5
dBm
Freq= 915MHz
Power Control Range
12
dB
Power Control Sensitivity
10
dB/V
Max FM Deviation
200
kHz
Instantaneous frequency deviation is
inversely proportional with the modulation
voltage. Dependent on external circuitry.
Antenna Port Impedance
50
Ω
TX ENABL= “1”, RX ENABL= “0”
Antenna Port VSWR
1.5:1
TX Mode
Modulation Input Impedance
4
k
Ω
Harmonics
-38
dBc
Freq= 915MHz, with eval board filter
Spurious
dBc
Compliant to Part 15.249 and I-ETS 300 220
Overall Receive Section
Frequency Range
300 to 1000
MHz
Cascaded Voltage Gain
35
dB
Freq= 433MHz
23
dB
Freq= 915MHz
Cascaded Noise Figure
10
dB
Cascaded Input IP3
-31
dBm
Freq= 433MHz
-26
dBm
Freq= 915MHz
RX Sensitivity
-91.5
-96
dBm
IF BW = 400kHz, Freq= 915MHz, S/N= 8dB
LO Leakage
-55
dBm
Freq= 915MHz
RSSI DC Output Range
0.5 to 2.5
V
RLOAD=51kΩ
RSSI Sensitivity
22.5
mV/dB
RSSI Dynamic Range
70
80
dB
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com