Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2945 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2945
Description  433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2945 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2945 Datasheet HTML 1Page - RF Micro Devices RF2945 Datasheet HTML 2Page - RF Micro Devices RF2945 Datasheet HTML 3Page - RF Micro Devices RF2945 Datasheet HTML 4Page - RF Micro Devices RF2945 Datasheet HTML 5Page - RF Micro Devices RF2945 Datasheet HTML 6Page - RF Micro Devices RF2945 Datasheet HTML 7Page - RF Micro Devices RF2945 Datasheet HTML 8Page - RF Micro Devices RF2945 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
11-218
RF2945
Rev A10 000919
11
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Down Control
Logical Controls “ON”
2.0
V
Voltage supplied to the input
Logical Controls “OFF”
1.0
V
Voltage supplied to the input
Control Input Impedance
25k
Ω
Turn On Time
1
ms
Turn on/off times are dependent upon
Turn Off Time
1
ms
PLL loop parameters
RX to TX and TX to RX Time
100
µs
Power Supply
Voltage
3.6
V
Specifications
2.7
5.0
V
Operating limits
Temperature range -40°C to +85°C
2.4
V
Operating limits
Temperature range +10°C to +40°C
Current Consumption
17
22
27.4
mA
TX ENABL, LVLADJ= 3.6V, RX ENABL=0V
4.8
6.1
7.2
mA
TX ENABL= 3.6V, LVLADJ, RX ENABL= 0V
4.4
6.1
6.8
mA
TX ENABL= 0V, RX ENABL= 3.6V
1
µA
TX ENABL, LVLADJ, RX ENABL= 0V
3.6
mA
PLL Only Mode, TX ENABL,
RX ENABL= 3.6V, LVLADJ= 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com