Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2945 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2945
Description  433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2945 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2945 Datasheet HTML 8Page - RF Micro Devices RF2945 Datasheet HTML 9Page - RF Micro Devices RF2945 Datasheet HTML 10Page - RF Micro Devices RF2945 Datasheet HTML 11Page - RF Micro Devices RF2945 Datasheet HTML 12Page - RF Micro Devices RF2945 Datasheet HTML 13Page - RF Micro Devices RF2945 Datasheet HTML 14Page - RF Micro Devices RF2945 Datasheet HTML 15Page - RF Micro Devices RF2945 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
11-226
RF2945
Rev A10 000919
11
Application Schematic - 915 MHz
25
26
29
31
32
8
6
4
2
1
24
23
22
21
19
18
17
PA
LNA
Control
Logic
Gain
Control
Linear
RSSI
27
28
30
3
5
7
9
10
11
12
13
14
15
16
20
RX ENABL
TX ENABL
MOD IN
100 pF
100 pF
915 MHz SAW
10 nH
10 pF
22 pF
10 nF
10
Ω
V
CC
Filter
10 nF
10 nF
Filter
11 pF
8.2 uH
22 pF
10 nF
10
Ω
V
CC
10 pF
51 k
Ω
RSSI
10 nF
10 nF
FM Disc.
TBD
1.5 k
Ω
10 nF
D1
SMV1233-
011
2
pF
8.2
nH
8.2
nH
22 pF
10 nF
100
Ω
V
CC
10 k
Ω
33 pF
PLL
IC
100
Ω
4.7
nF
30 k
Ω
330
pF
10 k
Ω
TBD
22 pF
22 pF
10 nF
10 nF
10
Ω
V
CC
10
Ω
V
CC
LVL ADJ
DATA OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com