Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2945 Datasheet(PDF) 23 Page - RF Micro Devices

Part # RF2945
Description  433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2945 Datasheet(HTML) 23 Page - RF Micro Devices

Back Button RF2945 Datasheet HTML 16Page - RF Micro Devices RF2945 Datasheet HTML 17Page - RF Micro Devices RF2945 Datasheet HTML 18Page - RF Micro Devices RF2945 Datasheet HTML 19Page - RF Micro Devices RF2945 Datasheet HTML 20Page - RF Micro Devices RF2945 Datasheet HTML 21Page - RF Micro Devices RF2945 Datasheet HTML 22Page - RF Micro Devices RF2945 Datasheet HTML 23Page - RF Micro Devices RF2945 Datasheet HTML 24Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
11-237
RF2945
Rev A10 000919
11
RSSI Output versus Temperature
VCC = 2.4 V, 915 MHz
0.0
0.5
1.0
1.5
2.0
2.5
-130.0
-110.0
-90.0
-70.0
-50.0
-30.0
-10.0
10.0
Received Signal Strength (dBm)
-40C
10C
25C
40C
85C
POUT versus Level Control and VCC
915 MHz and Temperature = 25°C
-30.0
-20.0
-10.0
0.0
10.0
0.0
1.0
2.0
3.0
4.0
5.0
Level Control (V)
Vcc=2.4V
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V
Vcc=3.6V
Vcc=3.9V
Vcc=4.2V
Vcc=4.5V
Vcc=4.8V
TX Power Output and ICC versus Level Adjust
at 433MHz, 3.6V VCC
-15.0
-10.0
-5.0
0.0
5.0
10.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
LVL ADJ (V)
5.0
10.0
15.0
20.0
25.0
30.0
Pout(433)
Icc(433)
TX Power Output and ICC versus Level Adjust
at 868MHz, 3.6V VCC
-20.0
-15.0
-10.0
-5.0
0.0
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
LVL ADJ (V)
5.0
10.0
15.0
20.0
25.0
30.0
Pout(868)
Icc(868)
TX Power Output and ICC versus Level Adjust
at 905MHz, 3.6V VCC
-20.0
-15.0
-10.0
-5.0
0.0
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
LVL ADJ (V)
5.0
10.0
15.0
20.0
25.0
30.0
Pout(905)
Icc(905)
Receive Current versus VCC
(Excluding PLL IC)
4.0
5.0
6.0
7.0
8.0
9.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
Icc (433)
Icc (868)
Icc (905)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com