Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2909 Datasheet (PDF) - RF Micro Devices

RF2909 Datasheet PDF - RF Micro Devices
Part # RF2909
Download  RF2909 Download
File Size   156.94 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC

RF2909 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2909 Datasheet PDF - RF Micro Devices

Part # RF2909
Download  RF2909 Click to download

File Size   156.94 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC

RF2909 Datasheet (HTML) - RF Micro Devices


RF2909 Product details

Product Description
The RF2909 is a monolithic integrated transmitter IC capable of universal direct modulation. The quadrature modulator allows for a variety of modulation formats and compound carriers. The transmitter has two power control modes. Two inputs can be controlled digitally for stepping output power 1mW, 10mW, or 70mW output power. Or, the output level can be adjusted by an analog input from 1mW to 80mW. The quadrature mixers have differential inputs, and are internally biased; a DC blocking capacitor is required if external DC levels are present. The LO is split with a passive network tuned for 915MHz.

Features
• 2.7V to 5V Power Supply
• 1mW, 10mW, 70mW Digital Output Power
• 20dB Analog Power Control Range
• Excellent Phase & Amplitude Balance
• Compatible with the RF2908

Typical Applications
• Direct Sequence Spread Spectrum
• Spread Spectrum Cordless Phones
• Portable Battery Powered Equipment
• GMSK, QPSK, DQPSK, QAM Modulation
• 915MHz ISM Applications




Similar Part No. - RF2909

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
More results


Similar Description - RF2909

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2423 RFMD-RF2423 Datasheet
67Kb / 8P
100mW SPREAD-SPECTRUM TRANSMITTER IC
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
logo
Sanyo Semicon Device
LV2700V SANYO-LV2700V Datasheet
123Kb / 9P
Spread Spectrum Communications IC
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
Spread Spectrum Controllers
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
Spread-Spectrum Transceiver
logo
PhaseLink Corporation
PLL701-50 PLL-PLL701-50 Datasheet
206Kb / 6P
Low EMI Spread Spectrum Multiplier IC
logo
Asahi Kasei Microsystem...
AK8126B AKM-AK8126B Datasheet
213Kb / 8P
EMI Countermeasure for Spread Spectrum IC
AK8126A AKM-AK8126A Datasheet
214Kb / 8P
EMI countermeasure for spread spectrum IC
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
Spread Spectrum Compatible
logo
Abracon Corporation
ABE0110 ABRACON-ABE0110 Datasheet
251Kb / 7P
Low EMI Spread Spectrum Multiplier IC
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com