Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2423 Datasheet (PDF) - RF Micro Devices

RF2423 Datasheet PDF - RF Micro Devices
Part # RF2423
Download  RF2423 Download
File Size   67.46 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 100mW SPREAD-SPECTRUM TRANSMITTER IC

RF2423 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2423 Datasheet PDF - RF Micro Devices

Part # RF2423
Download  RF2423 Click to download

File Size   67.46 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 100mW SPREAD-SPECTRUM TRANSMITTER IC

RF2423 Datasheet (HTML) - RF Micro Devices


RF2423 Product details

Product Description

The RF2423 is a monolithic integrated transmitter IC capable of universal direct modulation for UHF AM, PM,

or compound carriers. The transmitter may be used stand-alone for applications requiring not more than 100mW output power, or may be used to drive a final power amplifier. The maximum output level is 100mW, and is adjustable over a 25dB range by a single positive voltage.



Features

• Single 5V Power Supply

• 100mW Output Power Into 50Ω

• 25dB Gain Control Range

• Excellent Phase & Amplitude Balance

• Digitally Controlled Stand-By Mode

• 800MHz to 1000MHz Operation



Typical Applications

• Digital and Analog Communication Systems

• Spread-Spectrum Communication Systems

• Portable Battery-Powered Equipment

• GMSK, QPSK, DQPSK, QAM Modulation

• AM, SSB, DSB Modulation




Similar Part No. - RF2423

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2420 RFMD-RF2420 Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2420PCBA RFMD-RF2420PCBA Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2421 RFMD-RF2421 Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2421PCBA RFMD-RF2421PCBA Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results


Similar Description - RF2423

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
logo
Sanyo Semicon Device
LV2700V SANYO-LV2700V Datasheet
123Kb / 9P
Spread Spectrum Communications IC
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
Spread Spectrum Controllers
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
Spread-Spectrum Transceiver
logo
PhaseLink Corporation
PLL701-50 PLL-PLL701-50 Datasheet
206Kb / 6P
Low EMI Spread Spectrum Multiplier IC
logo
Maxim Integrated Produc...
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Asahi Kasei Microsystem...
AK8126B AKM-AK8126B Datasheet
213Kb / 8P
EMI Countermeasure for Spread Spectrum IC
AK8126A AKM-AK8126A Datasheet
214Kb / 8P
EMI countermeasure for spread spectrum IC
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
Spread Spectrum Compatible
logo
Abracon Corporation
ABE0110 ABRACON-ABE0110 Datasheet
251Kb / 7P
Low EMI Spread Spectrum Multiplier IC
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com