Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT-080SXXXSTF Datasheet (PDF) - Inventronics Inc.

LMT-080SXXXSTF Datasheet PDF - Inventronics Inc.
Part # LMT-080SXXXSTF
Download  LMT-080SXXXSTF Download
File Size   424.37 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 80W Non-isolated IP20 Driver

LMT-080SXXXSTF Datasheet (PDF)

Go To PDF Page Download Datasheet
LMT-080SXXXSTF Datasheet PDF - Inventronics Inc.

Part # LMT-080SXXXSTF
Download  LMT-080SXXXSTF Click to download

File Size   424.37 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 80W Non-isolated IP20 Driver

LMT-080SXXXSTF Datasheet (HTML) - Inventronics Inc.


LMT-080SXXXSTF Product details

Features
Ultra High Efficiency (Up to 94.0%)
Adjustable Output Current (AOC) with External Resistor
Full Power at Wide Output Current Range (Constant Power)
Flicker- Free
Non-dimming Control
89,000 Hours Lifetime at 70°C Case Temperature
Input Surge Protection: 1kV line-line, 2kV line-earth
Suitable for Luminaires with Protection Class I
Complies with Zhaga Interface Specification Book 13
Non-Isolated Design
5 Year Warranty

Description
The LMT-080SxxxSTF series is a 80W, constant-current, IP20 LED driver that operates from 198-264 Vac input
with excellent power factor. Created for linear troffer and panel lighting, the high efficiency of these drivers and
slim metal case enables them to run cooler, significantly improving reliability and extending product life. To
ensure trouble-free operation, protection is provided against over voltage, short circuit, and over temperature.




Similar Part No. - LMT-080SXXXSTF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LMT-160S070STF INVENTRONICS-LMT-160S070STF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
LMT-160S105STF INVENTRONICS-LMT-160S105STF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
LMT-160S150STF INVENTRONICS-LMT-160S150STF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
LMT-160SXXXSTF INVENTRONICS-LMT-160SXXXSTF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
More results


Similar Description - LMT-080SXXXSTF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSM16A-D12 MURATA-LSM16A-D12 Datasheet
372Kb / 12P
Non-Isolated, 13-80W SMT DC/DC Converters
logo
List of Unclassifed Man...
WS9445P ETC2-WS9445P Datasheet
843Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Bright Power Semiconduc...
BP2513D BPS-BP2513D Datasheet
612Kb / 8P
Non-Isolated CCCV Driver IC
Rev.1.0
logo
Inventronics Inc.
DS-EBS-080SXXXDT2 INVENTRONICS-DS-EBS-080SXXXDT2 Datasheet
607Kb / 12P
80W Class I/II Programmable IP20 Driver
Rev.C
LMT-160SXXXSTF INVENTRONICS-LMT-160SXXXSTF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
LNT-350SXXXSTF INVENTRONICS-LNT-350SXXXSTF Datasheet
301Kb / 8P
350W Non-isolated IP20 Driver
Rev. A
NEL-400SXXXMP INVENTRONICS-NEL-400SXXXMP Datasheet
778Kb / 13P
400W Non-Isolated IP20 Driver
Rev.B
NEL-400SXXXMX INVENTRONICS-NEL-400SXXXMX Datasheet
799Kb / 13P
400W Non-Isolated Driver
Rev.B
NTL-400SXXXMP INVENTRONICS-NTL-400SXXXMP Datasheet
727Kb / 13P
400W Non-Isolated IP20 Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
600W Non-Isolated Driver
Rev.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com