Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT-160S070STF Datasheet (PDF) - Inventronics Inc.

LMT-160S070STF Datasheet PDF - Inventronics Inc.
Part # LMT-160S070STF
Download  LMT-160S070STF Download
File Size   415.01 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 160W Non-isolated IP20 Driver

LMT-160S070STF Datasheet (PDF)

Go To PDF Page Download Datasheet
LMT-160S070STF Datasheet PDF - Inventronics Inc.

Part # LMT-160S070STF
Download  LMT-160S070STF Click to download

File Size   415.01 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 160W Non-isolated IP20 Driver

LMT-160S070STF Datasheet (HTML) - Inventronics Inc.


LMT-160S070STF Product details

Features
 Non-Isolated Design with Low residual output voltage < 2 kV
 Ultra High Efficiency (Up to 95%)
 Adjustable Output Current (AOC) with External Resistor
 Full Power at Wide Output Current Range (Constant Power)
 Flicker- Free
 Non-dimming Control
 109,000 Hours Lifetime at 70°C Case Temperature
 Input Surge Protection: DM 2kV, CM 4kV
 Suitable for Luminaires with Protection Class I
 Complies with Zhaga Interface Specification Book 13
 5 Year Warranty
Description
The LMT-160SxxxSTF series is a 160W, constant-current, IP20 LED driver that operates from 198-264 Vac
input with excellent power factor. Created for many lighting applications including linear troffer and panel lighting,
etc. The high efficiency of these drivers and slim metal case enables them to run cooler, significantly improving
reliability and extending product life. To ensure trouble-free operation, protection is provided against over voltage,
short circuit, and over temperature.




Similar Part No. - LMT-160S070STF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LMT-080S050STF INVENTRONICS-LMT-080S050STF Datasheet
424Kb / 11P
80W Non-isolated IP20 Driver
Rev. A
LMT-080S070STF INVENTRONICS-LMT-080S070STF Datasheet
424Kb / 11P
80W Non-isolated IP20 Driver
Rev. A
LMT-080S105STF INVENTRONICS-LMT-080S105STF Datasheet
424Kb / 11P
80W Non-isolated IP20 Driver
Rev. A
LMT-080SXXXSTF INVENTRONICS-LMT-080SXXXSTF Datasheet
424Kb / 11P
80W Non-isolated IP20 Driver
Rev. A
More results


Similar Description - LMT-160S070STF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS9445P ETC2-WS9445P Datasheet
843Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Shenzhen Winsemi Microe...
WS9441P WINSEMI-WS9441P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
WS9441 WINSEMI-WS9441 Datasheet
404Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Bright Power Semiconduc...
BP2513D BPS-BP2513D Datasheet
612Kb / 8P
Non-Isolated CCCV Driver IC
Rev.1.0
logo
Inventronics Inc.
LMT-080SXXXSTF INVENTRONICS-LMT-080SXXXSTF Datasheet
424Kb / 11P
80W Non-isolated IP20 Driver
Rev. A
LNT-350SXXXSTF INVENTRONICS-LNT-350SXXXSTF Datasheet
301Kb / 8P
350W Non-isolated IP20 Driver
Rev. A
NEL-400SXXXMP INVENTRONICS-NEL-400SXXXMP Datasheet
778Kb / 13P
400W Non-Isolated IP20 Driver
Rev.B
NEL-400SXXXMX INVENTRONICS-NEL-400SXXXMX Datasheet
799Kb / 13P
400W Non-Isolated Driver
Rev.B
NTL-400SXXXMP INVENTRONICS-NTL-400SXXXMP Datasheet
727Kb / 13P
400W Non-Isolated IP20 Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
600W Non-Isolated Driver
Rev.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com