Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUC-012SXXXDSM Datasheet (PDF) - Inventronics Inc.

LUC-012SXXXDSM Datasheet PDF - Inventronics Inc.
Part # LUC-012SXXXDSM
Download  LUC-012SXXXDSM Download
File Size   454.9 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 12W Constant Current IP20 Driver

LUC-012SXXXDSM Datasheet (PDF)

Go To PDF Page Download Datasheet
LUC-012SXXXDSM Datasheet PDF - Inventronics Inc.

Part # LUC-012SXXXDSM
Download  LUC-012SXXXDSM Click to download

File Size   454.9 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 12W Constant Current IP20 Driver

LUC-012SXXXDSM Datasheet (HTML) - Inventronics Inc.


LUC-012SXXXDSM Product details

Features
0 -10V Dimmable (Compatible with Passive Dimmers)
Constant Current Output
High Efficiency
Active Power Factor Correction
All-Around Protection: OLP, SCP and Open Lamp Protection
Class 2 & SELV Output
Description
The LUC-012SxxxDSM(SSM) series operates from a 90 ~ 305 Vac input range. They are designed to be highly
efficient and reliable. Features include open lamp, short circuit and over load protections.




Similar Part No. - LUC-012SXXXDSM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUC-012SXXXDSP INVENTRONICS-LUC-012SXXXDSP Datasheet
427Kb / 9P
12W C onstant Current IP20 Driver
Rev. M
LUC-012SXXXDSPSSP INVENTRONICS-LUC-012SXXXDSPSSP Datasheet
427Kb / 9P
12W C onstant Current IP20 Driver
Rev. M
More results


Similar Description - LUC-012SXXXDSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LUC-024SXXXDSP ETC-LUC-024SXXXDSP Datasheet
476Kb / 10P
24W Constant Current IP20 Driver
Rev. G
logo
Inventronics Inc.
LUC-012SXXXDSPSSP INVENTRONICS-LUC-012SXXXDSPSSP Datasheet
427Kb / 9P
12W C onstant Current IP20 Driver
Rev. M
LUC-024SXXXDSPSSP INVENTRONICS-LUC-024SXXXDSPSSP Datasheet
529Kb / 11P
24W Constant Current IP20 Driver
Rev. J
LLC-012SXXXRSP INVENTRONICS-LLC-012SXXXRSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LUC-010SXXXDSM INVENTRONICS-LUC-010SXXXDSM Datasheet
337Kb / 10P
10W Constant Current IP20 Driver
Rev. K
LUC-040S060RSP INVENTRONICS-LUC-040S060RSP Datasheet
227Kb / 7P
40W Constant Current IP20 Driver
Rev. B
LUC-042SXXXDSW INVENTRONICS-LUC-042SXXXDSW Datasheet
373Kb / 10P
42W Constant Current IP20 Driver
Rev. C
LWC-018SXXXSSP INVENTRONICS-LWC-018SXXXSSP Datasheet
820Kb / 8P
18W Constant Current IP20 Driver
Rev. J
LWC-024SXXXSSE INVENTRONICS-LWC-024SXXXSSE Datasheet
188Kb / 8P
24W Constant Current IP20 Driver
Rev. L
LWC-024SXXXSSP INVENTRONICS-LWC-024SXXXSSP Datasheet
190Kb / 8P
24W Constant Current IP20 Driver
Rev. K
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com