Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUV-100S036SF Datasheet (PDF) - Inventronics Inc.

LUV-100S036SF Datasheet PDF - Inventronics Inc.
Part # LUV-100S036SF
Download  LUV-100S036SF Download
File Size   559.02 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 100W Constant Voltage Driver

LUV-100S036SF Datasheet (PDF)

Go To PDF Page Download Datasheet
LUV-100S036SF Datasheet PDF - Inventronics Inc.

Part # LUV-100S036SF
Download  LUV-100S036SF Click to download

File Size   559.02 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 100W Constant Voltage Driver

LUV-100S036SF Datasheet (HTML) - Inventronics Inc.


LUV-100S036SF Product details

Features
 High Efficiency up to 93.0%
 Constant Output Voltage
 No Load Power Consumption < 0.5 W
 Excellent Thermal Performance up to 50C Ambient
Temperature
 Input Surge Protection: DM 4 kV
 All-Around Protection: OCP, OVP, OTP, SCP
 Class II
 SELV Output
 5 Years Warranty

Description
The LUV-100SxxxSF is a 100W, constant-voltage LED driver that operates from 90-305 Vac input with excellent
power factor. It is created for many lighting applications including architectural, decorative and signage. The high
efficiency of the driver enables them to run cooler, significantly improving reliability and extending product life. To
ensure trouble-free operation, protection is provided against input surge, over current, output over voltage, over
temperature, and short circuit.




Similar Part No. - LUV-100S036SF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUV-150S012SF INVENTRONICS-LUV-150S012SF Datasheet
561Kb / 9P
150W Constant Voltage Driver
Rev.B
LUV-150S024SF INVENTRONICS-LUV-150S024SF Datasheet
561Kb / 9P
150W Constant Voltage Driver
Rev.B
LUV-150S036SF INVENTRONICS-LUV-150S036SF Datasheet
561Kb / 9P
150W Constant Voltage Driver
Rev.B
LUV-150S048SF INVENTRONICS-LUV-150S048SF Datasheet
561Kb / 9P
150W Constant Voltage Driver
Rev.B
LUV-150SXXXSF INVENTRONICS-LUV-150SXXXSF Datasheet
561Kb / 9P
150W Constant Voltage Driver
Rev.B
More results


Similar Description - LUV-100S036SF

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA100VU-SERIES Vitec-ILPA100VU-SERIES Datasheet
288Kb / 2P
100W Water-Proof Constant Voltage LED Driver
ILPA100VW-SERIES Vitec-ILPA100VW-SERIES Datasheet
288Kb / 2P
100W Water-Proof Constant Voltage LED Driver
ILPA100VW Vitec-ILPA100VW Datasheet
288Kb / 2P
100W Water-Proof Constant Voltage LED Driver
ILPA100VU Vitec-ILPA100VU Datasheet
300Kb / 2P
100W Water-Proof Constant Voltage LED Driver
logo
Mean Well Enterprises C...
ELG-100U MEANWELL-ELG-100U Datasheet
1Mb / 8P
100W Constant Voltage Constant Current LED Driver
FDHC-100 MEANWELL-FDHC-100 Datasheet
116Kb / 5P
100W Constant Power Mode LED Driver
logo
Inventronics Inc.
DS-EBV-100SXXXSV INVENTRONICS-DS-EBV-100SXXXSV Datasheet
531Kb / 9P
100W Constant Voltage IP67 Driver
Rev. C
EUV-100SXXXSV INVENTRONICS-EUV-100SXXXSV Datasheet
430Kb / 7P
100W Constant Voltage IP67 Driver
Rev. N
EBC-100SXXXSV-000X INVENTRONICS-EBC-100SXXXSV-000X Datasheet
197Kb / 8P
100W Constant Current IP67 Driver
Rev. D
EUC-100SXXXDV INVENTRONICS-EUC-100SXXXDV Datasheet
241Kb / 11P
100W Constant Current IP67 Driver
Rev. N
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com