Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NES-1K8TXXXBC Datasheet (PDF) - Inventronics Inc.

NES-1K8TXXXBC Datasheet PDF - Inventronics Inc.
Part # NES-1K8TXXXBC
Download  NES-1K8TXXXBC Download
File Size   1100.48 Kbytes
Page   19 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 1800W 3 channels Programmable IP66 Driver

NES-1K8TXXXBC Datasheet (PDF)

Go To PDF Page Download Datasheet
NES-1K8TXXXBC Datasheet PDF - Inventronics Inc.

Part # NES-1K8TXXXBC
Download  NES-1K8TXXXBC Click to download

File Size   1100.48 Kbytes
Page   19 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 1800W 3 channels Programmable IP66 Driver

NES-1K8TXXXBC Datasheet (HTML) - Inventronics Inc.


NES-1K8TXXXBC Product details

Features
Non-Isolated Class I driver
No Afterglow
Dim-to-Off with Standby Power ≤ 0.5W @ 230Vac
Dimming Range: 0.4%-100%
3*600W Independent Programmable Channels & Support
Common Anode Output Connection
Max Remote Distance Up to 300 Meters
Ultra High Efficiency (Up to 97%)
Full Power at Wide Output Current Range (Constant Power)
Adjustable Output Current (AOC) via DALI/DMX-RDM
DALI-2 and D4i Certified & DMX-RDM & 3-Timer-Modes
Dimmable
Single-channel (1*DT6 or 1*DMX) Operating Mode
DALI-2/DMX-RDM Controls Up to 33 fps
Integrated Power Metering with High Accuracy up to ±1%
Thermal Sensing and Protection for LED Module
Low Inrush Current
Output Lumen Compensation
End-of-Life Indicator
Input Surge Protection: DM 10kV, CM 10kV
All-Around Protection: IOVP, IUVP, OVP, SCP, OTP
IP66
IK08 Enclosure
5 Years Warranty
Description
The NES-1K8TxxxBC series is a 1800W, 3 channels, constant-current, programmable and IP66 LED driver that
operates from 198-457 Vac input with excellent power factor. Created for many lighting applications including
sports, high mast, UV-LED, aquaculture and horticulture, etc. The dimming control supports two-way
communication via DALI-2 and complies with D4i, furthermore it incorporates DMX-RDM dimming. The high
efficiency of these drivers and compact metal case enables them to run cooler, significantly improving reliability
and extending product life. To ensure trouble-free operation, protection is provided against input surge, input under
voltage, input over voltage, output over voltage, short circuit, and over temperature.




Similar Part No. - NES-1K8TXXXBC

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NES-100 MEANWELL-NES-100 Datasheet
382Kb / 2P
100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100 Datasheet
386Kb / 2P
100W Single Output Switching Power Supply
NES-100-12 MEANWELL-NES-100-12 Datasheet
382Kb / 2P
100W Single Output Switching Power Supply
NES-100-12 MEANWELL-NES-100-12 Datasheet
386Kb / 2P
100W Single Output Switching Power Supply
NES-100-15 MEANWELL-NES-100-15 Datasheet
382Kb / 2P
100W Single Output Switching Power Supply
More results


Similar Description - NES-1K8TXXXBC

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-200SXXXDB INVENTRONICS-DS-EAM-200SXXXDB Datasheet
787Kb / 12P
200W Programmable IP66/IP67 Driver
Rev.A
DS-EAM-240SXXXDB INVENTRONICS-DS-EAM-240SXXXDB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
DS-EBM-1K2SXXXDG INVENTRONICS-DS-EBM-1K2SXXXDG Datasheet
811Kb / 12P
1200W Programmable IP66/IP67 Driver
Rev.D
DS-ESM-075SXXXDV INVENTRONICS-DS-ESM-075SXXXDV Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-240SXXXDX INVENTRONICS-ESM-240SXXXDX Datasheet
728Kb / 13P
240W Programmable IP66/IP67 Driver
Rev.C
EUW-040DXXXDX INVENTRONICS-EUW-040DXXXDX Datasheet
834Kb / 16P
40W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-060DXXXDX INVENTRONICS-EUW-060DXXXDX Datasheet
843Kb / 16P
60W Programmable IP66/IP67 Tunable White Driver
Rev.C
EUW-100DXXXDX INVENTRONICS-EUW-100DXXXDX Datasheet
871Kb / 19P
100W Programmable IP66 /IP67 Tunable White Driver
Rev.B
EUW-150DXXXDX INVENTRONICS-EUW-150DXXXDX Datasheet
872Kb / 19P
150W Programmable IP66 /IP67 Tunable White Driver
Rev.C
EUW-240DXXXDX INVENTRONICS-EUW-240DXXXDX Datasheet
874Kb / 19P
240W Programmable IP66/IP67 Tunable White Driver
Rev.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com