Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTL-400S140MP Datasheet (PDF) - Inventronics Inc.

NTL-400S140MP Datasheet PDF - Inventronics Inc.
Part # NTL-400S140MP
Download  NTL-400S140MP Download
File Size   727.7 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 400W Non-Isolated IP20 Driver

NTL-400S140MP Datasheet (PDF)

Go To PDF Page Download Datasheet
NTL-400S140MP Datasheet PDF - Inventronics Inc.

Part # NTL-400S140MP
Download  NTL-400S140MP Click to download

File Size   727.7 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 400W Non-Isolated IP20 Driver

NTL-400S140MP Datasheet (HTML) - Inventronics Inc.


NTL-400S140MP Product details

Features
Non-Isolated Design with Low residual output voltage < 2kV
No Afterglow
Ultra High Efficiency (Up to 96.5%)
Full Power at Wide Output Current Range (Constant Power)
Adjustable Output Current (AOC) with Programmability
Isolated 0-10V/10V PWM/Resistor/3-Timer-Modes Dimmable
Dim-to-Off
Maximum Dimming Level with 9V or 10V Selectable
Fade-time Adjustable
Always-on Auxiliary Power: 12Vdc, 250mA
Low Inrush Current
Output Lumen Compensation
End-of-Life Indicator
Input Surge Protection: DM 4kV, CM 6kV
All-Around Protection: OVP, SCP, OTP
Suitable for Luminaires with Protection Class I
5 Years Warranty
Description
The NTL-400SxxxMP series is a 400W, constant-current LED driver that operates from 312-528 Vac input with
excellent power factor. It is created for many lighting applications including high bay and horticulture, etc. The high
efficiency of these drivers and slim metal case enables them to run cooler, significantly improving reliability and
extending product life. To ensure trouble-free operation, protection is provided against over voltage, short circuit,
and over temperature.




Similar Part No. - NTL-400S140MP

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
NTL-600S220MX INVENTRONICS-NTL-600S220MX Datasheet
691Kb / 13P
600W Non-Isolated Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
600W Non-Isolated Driver
Rev.B
More results


Similar Description - NTL-400S140MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS9445P ETC2-WS9445P Datasheet
843Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Shenzhen Winsemi Microe...
WS9441P WINSEMI-WS9441P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
WS9441 WINSEMI-WS9441 Datasheet
404Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Bright Power Semiconduc...
BP2513D BPS-BP2513D Datasheet
612Kb / 8P
Non-Isolated CCCV Driver IC
Rev.1.0
logo
Inventronics Inc.
LMT-080SXXXSTF INVENTRONICS-LMT-080SXXXSTF Datasheet
424Kb / 11P
80W Non-isolated IP20 Driver
Rev. A
LMT-160SXXXSTF INVENTRONICS-LMT-160SXXXSTF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
LNT-350SXXXSTF INVENTRONICS-LNT-350SXXXSTF Datasheet
301Kb / 8P
350W Non-isolated IP20 Driver
Rev. A
NEL-400SXXXMP INVENTRONICS-NEL-400SXXXMP Datasheet
778Kb / 13P
400W Non-Isolated IP20 Driver
Rev.B
NEL-400SXXXMX INVENTRONICS-NEL-400SXXXMX Datasheet
799Kb / 13P
400W Non-Isolated Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
600W Non-Isolated Driver
Rev.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com