Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM-1K0S400MGR Datasheet (PDF) - Inventronics Inc.

SSM-1K0S400MGR Datasheet PDF - Inventronics Inc.
Part # SSM-1K0S400MGR
Download  SSM-1K0S400MGR Download
File Size   2849.58 Kbytes
Page   18 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 1000W Programmable Driver with INV Digital Dimming

SSM-1K0S400MGR Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM-1K0S400MGR Datasheet PDF - Inventronics Inc.

Part # SSM-1K0S400MGR
Download  SSM-1K0S400MGR Click to download

File Size   2849.58 Kbytes
Page   18 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 1000W Programmable Driver with INV Digital Dimming

SSM-1K0S400MGR Datasheet (HTML) - Inventronics Inc.


SSM-1K0S400MGR Product details

Features
 Panel Mount Connectors Facilitates Installation
 Rotary Switch+RJ12 Connector
 Hot-plugging Protection
 Parallel LED Protection
 Ultra High Efficiency (Up to 96%)
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Programmability
 Isolated 0-10V/PWM/Resistor/3-Timer-Modes Dimmable
 INV Digital Dimming, UART Based Communication Protocol
 Dim-to-Off
 Minimum Dimming Level with 5% or 10% Selectable
 Maximum Dimming Level with 9V or 10V Selectable
 Fade Time Adjustable
 Low Inrush Current
 Output Lumen Compensation
 End-of-Life Indicator
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: IOVP, IUVP, OVP, SCP, OTP
 IP66 and UL Dry/Damp/Wet Location
 5 Years Warranty




Similar Part No. - SSM-1K0S400MGR

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
SSM-1K0S400MGS INVENTRONICS-SSM-1K0S400MGS Datasheet
950Kb / 17P
1000W Programmable Driver with INV Digital Dimming
Rev.A
More results


Similar Description - SSM-1K0S400MGR

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-1K2TXXXMX INVENTRONICS-ESM-1K2TXXXMX Datasheet
805Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.A
ESM-240SXXXMX INVENTRONICS-ESM-240SXXXMX Datasheet
720Kb / 15P
240W Programmable Driver with INV Digital Dimming
Rev.F
ESM-680SXXXMGS INVENTRONICS-ESM-680SXXXMGS Datasheet
1Mb / 17P
680W Programmable Driver with INV Digital Dimming
Rev.B
SSM-1K0SXXXMGS INVENTRONICS-SSM-1K0SXXXMGS Datasheet
950Kb / 17P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SSM-1K0SXXXMX INVENTRONICS-SSM-1K0SXXXMX Datasheet
1,005Kb / 18P
1000W Programmable Driver with INV Digital Dimming
Rev.C
SUM-1K0SXXXMGR INVENTRONICS-SUM-1K0SXXXMGR Datasheet
1Mb / 19P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SUM-1K0SXXXMGS INVENTRONICS-SUM-1K0SXXXMGS Datasheet
1Mb / 19P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SUM-1K0SXXXMX INVENTRONICS-SUM-1K0SXXXMX Datasheet
1Mb / 19P
1000W Programmable Driver with INV Digital Dimming
Rev.B
SUM-760SXXXMGR INVENTRONICS-SUM-760SXXXMGR Datasheet
1Mb / 16P
760W Programmable Driver with INV Digital Dimming
Rev.A
SUM-760SXXXMX INVENTRONICS-SUM-760SXXXMX Datasheet
968Kb / 16P
760W Programmable Driver with INV Digital Dimming
Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com