Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM-220S530MF Datasheet (PDF) - Inventronics Inc.

SSM-220S530MF Datasheet PDF - Inventronics Inc.
Part # SSM-220S530MF
Download  SSM-220S530MF Download
File Size   585.92 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 220W Programmable IP65 Driver

SSM-220S530MF Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM-220S530MF Datasheet PDF - Inventronics Inc.

Part # SSM-220S530MF
Download  SSM-220S530MF Click to download

File Size   585.92 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 220W Programmable IP65 Driver

SSM-220S530MF Datasheet (HTML) - Inventronics Inc.


SSM-220S530MF Product details

Features
Ultra High Efficiency (Up to 94.5%)
Full Power at Wide Output Current Range (Constant Power)
Adjustable Output Current (AOC) with Programmability
Isolated 0-10V/10V PWM/Resistor/3-Timer-Modes Dimmable
Dim-to-Off
Maximum Dimming Level with 9V or 10V Selectable
Fade-Time Adjustable
Always-on Auxiliary Power: 12Vdc, 250mA
Output Lumen Compensation
End-of-Life Indicator
Input Surge Protection: DM 6kV, CM 6kV
All-Around Protection: OVP, SCP, OTP
IP65 and UL Dry/Damp Location
TYPE HL, for use in a Class I, Division 2 Hazardous
(Classified) Location
5 Years Warranty

Description
The SSM-220SxxxMF series is a 220W, constant-current, programmable and IP65 rated LED driver that operates
from 249-528Vac input with excellent power factor. Created for many lighting applications including Horticulture,
High bay, etc. The high efficiency of this driver enables it to run cooler, significantly improving reliability and
extending product life. To ensure trouble-free operation, protection is provided against input surge, output over
voltage, short circuit, and over temperature.




Similar Part No. - SSM-220S530MF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
SSM-220S530HF INVENTRONICS-SSM-220S530HF Datasheet
513Kb / 10P
220W Programmable IP65 Driver
Rev.A
More results


Similar Description - SSM-220S530MF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
SSM-220SXXXHF INVENTRONICS-SSM-220SXXXHF Datasheet
513Kb / 10P
220W Programmable IP65 Driver
Rev.A
SSM-330SXXXHF INVENTRONICS-SSM-330SXXXHF Datasheet
519Kb / 10P
330W Programmable IP65 Driver
Rev.A
SSM-440SXXXHF INVENTRONICS-SSM-440SXXXHF Datasheet
516Kb / 10P
440W Programmable IP65 Driver
Rev.A
SSM-440SXXXMF INVENTRONICS-SSM-440SXXXMF Datasheet
581Kb / 12P
440W Programmable IP65 Driver
Rev.A
SUM-110SXXXHF INVENTRONICS-SUM-110SXXXHF Datasheet
588Kb / 12P
110W Programmable IP65 Driver
Rev.A
SUM-110SXXXMF INVENTRONICS-SUM-110SXXXMF Datasheet
650Kb / 13P
110W Programmable IP65 Driver
Rev.A
SUM-220SXXXHF INVENTRONICS-SUM-220SXXXHF Datasheet
545Kb / 11P
220W Programmable IP65 Driver
Rev.C
SUM-220SXXXMF INVENTRONICS-SUM-220SXXXMF Datasheet
611Kb / 12P
220W Programmable IP65 Driver
Rev.C
SUM-440SXXXHF INVENTRONICS-SUM-440SXXXHF Datasheet
549Kb / 11P
440W Programmable IP65 Driver
Rev.A
SUM-440SXXXMF INVENTRONICS-SUM-440SXXXMF Datasheet
616Kb / 12P
440W Programmable IP65 Driver
Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com