Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUM-1K0S400MGR Datasheet (PDF) - Inventronics Inc.

SUM-1K0S400MGR Datasheet PDF - Inventronics Inc.
Part # SUM-1K0S400MGR
Download  SUM-1K0S400MGR Download
File Size   1162.76 Kbytes
Page   19 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 1000W Programmable Driver with INV Digital Dimming

SUM-1K0S400MGR Datasheet (PDF)

Go To PDF Page Download Datasheet
SUM-1K0S400MGR Datasheet PDF - Inventronics Inc.

Part # SUM-1K0S400MGR
Download  SUM-1K0S400MGR Click to download

File Size   1162.76 Kbytes
Page   19 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 1000W Programmable Driver with INV Digital Dimming

SUM-1K0S400MGR Datasheet (HTML) - Inventronics Inc.


SUM-1K0S400MGR Product details

Features
Panel Mount Connectors Facilitates Installation
Rotary Switch+RJ12 Connector
Hot-plugging Protection
Parallel LED Protection
Ultra High Efficiency (Up to 96%)
Full Power at Wide Output Current Range (Constant Power)
Adjustable Output Current (AOC) with Programmability
Isolated 0-10V/PWM/Resistor/3-Timer-Modes Dimmable
INV Digital Dimming, UART Based Communication Protocol
Dim-to-Off with Standby Power ≤ 0.5W
Minimum Dimming Level with 5% or 10% Selectable
Maximum Dimming Level with 9V or 10V Selectable
Fade Time Adjustable
Low Inrush Current
Output Lumen Compensation
End-of-Life Indicator
Input Surge Protection: DM 6kV, CM 10kV
All-Around Protection: IOVP, IUVP, OVP, SCP, OTP
IP66 and UL Dry/Damp/Wet Location
5 Years Warranty
Description
The SUM-1K0SxxxMGR series is a 1000W, constant-current, programmable and IP66 rated LED driver that
operates from 90-305Vac input with excellent power factor. Created for many lighting applications including high
mast, sports, UV-LED, aquaculture and horticulture, etc. It provides rotary switch, RJ12 connector and dim-to-off
functionality. The dimming control supports 0-10V dimming as well as two-way communication via Digital Dimming,
a UART based communication protocol. The high efficiency of these drivers and compact metal case enables
them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation,
protection is provided against input surge, input under voltage, input over voltage, output over voltage, short circuit,
and over temperature.




Similar Part No. - SUM-1K0S400MGR

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
SUM-1K0S400MGR INVENTRONICS-SUM-1K0S400MGR Datasheet
1Mb / 19P
1000W Programmable Driver with INV Digital Dimming
Rev.A
More results


Similar Description - SUM-1K0S400MGR

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-1K2TXXXMX INVENTRONICS-ESM-1K2TXXXMX Datasheet
805Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.A
ESM-240SXXXMX INVENTRONICS-ESM-240SXXXMX Datasheet
720Kb / 15P
240W Programmable Driver with INV Digital Dimming
Rev.F
ESM-680SXXXMGS INVENTRONICS-ESM-680SXXXMGS Datasheet
1Mb / 17P
680W Programmable Driver with INV Digital Dimming
Rev.B
SSM-1K0SXXXMGR INVENTRONICS-SSM-1K0SXXXMGR Datasheet
2Mb / 18P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SSM-1K0SXXXMGS INVENTRONICS-SSM-1K0SXXXMGS Datasheet
950Kb / 17P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SSM-1K0SXXXMX INVENTRONICS-SSM-1K0SXXXMX Datasheet
1,005Kb / 18P
1000W Programmable Driver with INV Digital Dimming
Rev.C
SUM-1K0SXXXMGS INVENTRONICS-SUM-1K0SXXXMGS Datasheet
1Mb / 19P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SUM-1K0SXXXMX INVENTRONICS-SUM-1K0SXXXMX Datasheet
1Mb / 19P
1000W Programmable Driver with INV Digital Dimming
Rev.B
SUM-760SXXXMGR INVENTRONICS-SUM-760SXXXMGR Datasheet
1Mb / 16P
760W Programmable Driver with INV Digital Dimming
Rev.A
SUM-760SXXXMX INVENTRONICS-SUM-760SXXXMX Datasheet
968Kb / 16P
760W Programmable Driver with INV Digital Dimming
Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com