Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LC Datasheet (PDF) - KELLER Druckmesstechnik AG

4LC Datasheet PDF - KELLER Druckmesstechnik AG
Part # 4LC
Download  4LC Download
File Size   498.96 Kbytes
Page   2 Pages
Manufacturer  KELLER [KELLER Druckmesstechnik AG]
Direct Link  https://keller-druck.com/en/
Logo KELLER - KELLER Druckmesstechnik AG
Description Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning

4LC Datasheet (PDF)

Go To PDF Page Download Datasheet
4LC Datasheet PDF - KELLER Druckmesstechnik AG

Part # 4LC
Download  4LC Click to download

File Size   498.96 Kbytes
Page   2 Pages
Manufacturer  KELLER [KELLER Druckmesstechnik AG]
Direct Link  https://keller-druck.com/en/
Logo KELLER - KELLER Druckmesstechnik AG
Description Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning

4LC Datasheet (HTML) - KELLER Druckmesstechnik AG


4LC Product details

Performance features
• Hermetically protected sensor electronics - extremely resistant to environmental influences
• Operating temperature up to 150 °C
• Ultra-compact, robust housing made from stainless steel (optionally Hastelloy C-276)
• No external electronics for compensation or signal processing
• Extremely accurate, outstanding long-term stability, no hysteresis
• Pressure ranges of 1 bar to 1000 bar
• Extremely easy to integrate in overall systems
• Two-chip solution with pressure sensor and signal processing separation provides a high
degree of flexibility





Similar Description - 4LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3021 ETC1-3021 Datasheet
143Kb / 4P
OEM Accelerometer Piezoresistive Low Cost
8534A ETC2-8534A Datasheet
85Kb / 2P
Piezoresistive Pressure Transducer
logo
Sensortechnics GmbH
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
Pressure transmitters
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
OEM pressure transmitters for industrial media
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
OEM pressure transmitters for industrial media
KTE3001GQ0 SENSORTECHNICS-KTE3001GQ0 Datasheet
92Kb / 6P
OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
OEM pressure transmitters for industrial media
logo
Texas Instruments
TPIC83000-Q1 TI-TPIC83000-Q1 Datasheet
330Kb / 44P
PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
logo
Analog Devices
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
150/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. B
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
Piezoresistive Silicon Pressure Sensor
Rev A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com