Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LC Datasheet(PDF) 2 Page - KELLER Druckmesstechnik AG

Part # 4LC
Description  Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KELLER [KELLER Druckmesstechnik AG]
Direct Link  https://keller-druck.com/en/
Logo KELLER - KELLER Druckmesstechnik AG

4LC Datasheet(HTML) 2 Page - KELLER Druckmesstechnik AG

  4LC Datasheet HTML 1Page - KELLER Druckmesstechnik AG 4LC Datasheet HTML 2Page - KELLER Druckmesstechnik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Edition 11/2015
Subject to alterations
info@keller-druck.com
Find your local KELLER contact keller-pressure.com
Page 2 of 2
(1) TEB (Total Error Band): Maximum deviation within specified pressure and compensated temperature range
(2) abs: Absolute Pressure Measurement (PAA: Absolute. Zero at vacuum PA: Sealed Gauge. Zero at 1,0 bar abs.)
(3) rel: Referential version (PR: Vented Gauge. Zero at atmospheric pressure)
Type
3-wire
Signal Output
0,1…0,9 V/V (0,5…4,5 V ratiometric)
Supply
5,0 VDC ± 0,5 V
Reverse Polarity and Overvoltage Protection ± 33 VDC (permanently on all leads)
Power Consumption
max. 8 mA
Load Resistance
> 5 kΩ
Sampling Rate / Bandwidth
2 kHz / 800 Hz
Rise Time T99
1 ms
Response Time (Supply ON)
< 5 ms (0…99 %)
Isolation
> 100 MΩ @ 500 VDC
EMC-Industry
EN 61000-6-2 / EN 61000-6-3 / EN 61326-2-3 / BCI 200mA @ 1…250MHz
DO-160F RF Susceptibility (radiated)
Cat. R: 150 V/m @ 400 MHz…8 GHz PM / 30 V/m @ 100 MHz…400 MHz CW & SW,
DO-160F RF Susceptibility (conducted)
Cat.R: 30 mA @ 10 kHz…40 MHz / 3 mA @ 40 MHz…400 MHz
Material in Contact with Media
Stainless Steel AISI 316L (DIN 1.4404 / 1.4435) / optionally Hastelloy C-276
6LHPC: Steel, 7LHPC: Steel or optionally and @ > 600 bar and > 100 °C Inconel 718
O-Rings: Viton® 70 Shore A (-20…200 °C, exchangeable), @ 6LHPC / 7LHPC: Viton® 90 Shore A
Support Ring @ 6LHPC / 7LHPC: PTFE
Pressure Endurance
0...100 %FS @ 25 °C: > 10 mio. pressure cycles with appropriate installation (see install. requirements)
Vibration Endurance
20 g, 5....2000 Hz, X/Y/Z-axis
Shock
75 g sine 11 ms
Oil Filling
Silicone oil, others on request
Electrical Connection
– Glass feed through pins D = 0,45 mm, L = 2,5…4 mm, Positioning: See scale drawing.
Attention: It’s important not to load forces to the pins!
– Silicone wires 0,09 mm2 @ the glass feed through pin
– Plug JST 1,5 mm, 3-pole. Type: B3B-ZR-SM4-TF. Only for -20…85 °C and not for 4LC & 6LC
As counterpart: IDC-socket with 1,27 mm flat band. Type: 03ZR-8M-P
As counterpart: Crimp-socket with wires AWG 28. Type: ZHR-3, Crimp-contact: SZH-003-P0.5
Options
Other pressure and temperature ranges, other accuracies.
Sensor
Specifications
Accuracy*
max. +/- 0,25 %FS
* Linearity best straight line @ RT, hysteresis, repeatability
Overpressure
2,5 x pressure range,
max. 300 bar resp. 1200 bar (6LHPC, 7LHPC)
Long Term Stability
max. +/- 0,3 %FS
Applications requiring a mechanical package
with certain pressure and electrical connec-
tions can be accommodated. Almost any
combination of connections is possible with
our Series 21C product line. CIO is optio-
nally available with the 2-wire I2C digital
interface, enabling bus-capability in the
system design.
Type/
Version
Dimensions
[mm]
Pressure
Range
Operating
Temperature
Comp. Temp.
Range
TEB (1)
[%FS]
4LC
ø 11 x 4,2
3…200 bar abs.(2)
-10…+80 °C
0…50 °C
± 1,0 %FS
7LC
ø 15 x 5
2…200 bar abs.
2…30 bar rel. (3)
-40…+125 °C
-10…80 °C
± 1,0 %FS
-40…+125 °C
± 2,0 %FS
8LC
ø 17 x 7
1…200 bar abs.
1…30 bar rel.
-40…+150 °C
-10…80 °C
± 0,8 %FS
9LC
ø 19 x 5
-40…+125 °C
-40…+150 °C
(only > 3 bar)
± 1,5 %FS
± 2,5 %FS
9FLC
ø 17 x 5,5
Flange ø 21
1…50 bar abs.
1…30 bar rel.
6LHPC
ø 13 x 8
200…1000 bar
-40…+150 °C
-10…80 °C
± 0,8 %FS
7LHPC
ø 15 x 8
-40…+150 °C
± 2,0 %FS
Serie 21C
The integration of the transmitter elec-
tronics means that even extremely
small designs can be properly sup-
ported, and there is a considerable
amount of freedom for connection
variants. Furthermore, there is no need
to protect the nonexistent downstream
electronics against moisture and con-
densation.
+VCC
+OUT
+GND
Glass Feed
Through
Housing
Oil Filling
O-Ring
Diaphragm
Laser
Welding



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com