Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX22208 Datasheet (PDF) - Analog Devices

MAX22208 Datasheet PDF - Analog Devices
Part # MAX22208
Download  MAX22208 Download
File Size   323.1 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 65V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense

MAX22208 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX22208 Datasheet PDF - Analog Devices

Part # MAX22208
Download  MAX22208 Click to download

File Size   323.1 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 65V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense

MAX22208 Datasheet (HTML) - Analog Devices


MAX22208 Product details

General Description
The MAX22208 provides four individually controllable 65V, 3.8AMAX half H-bridge drivers. It can be used to drive four solenoids, two brushed DC motors, one single stepper motor, or a combination of different loads.
The power FETs have very low impedance, resulting in high driving efficiency and low heat dissipation. The typical total RON (high side plus low side) is 0.3Ω (typ).
Each half bridge can be individually pulse-width modulation (PWM)-controlled with two logic inputs (DIN_, EN_).
The MAX22208 integrates non-dissipative current sensing, which eliminates the bulky external power resistors normally required for this function, resulting in a dramatic space and power saving compared with mainstream applications based on the external sense resistor.
A current proportional to the internally-sensed load current is output to the external current-monitor pins (ISEN_). By connecting an external resistor to these pins, a voltage proportional to the motor current is generated. The voltage drop across the external resistors can be input into the controller ADC whenever the control algorithm requires the current/torque information.
The maximum output current per half H-bridge is IMAX = 3.8A and is limited by the overcurrent protection (OCP) circuit. This current can be driven for very short transients and aims to effectively drive small capacitive loads.
The maximum RMS current per H-bridge is IRMS = 2A. Since this current is limited by thermal considerations, the actual maximum RMS current depends on the thermal characteristic of the application (PCB ground planes, heatsinks, forced air ventilation, etc.).
The MAX22208 features overcurrent protection (OCP), thermal shutdown (TSD), and undervoltage lockout (UVLO). An active-low, open-drain FAULT pin is activated every time a fault condition is detected.
During TSD and UVLO, the driver outputs are three-stated until normal operating conditions are restored.
The MAX22208 is available in a small, 5mm x 7mm, 38-pin TQFN and 4.4mm x 9.7mm, 38-pin TSSOP package.

Benefits and Features
● Four Independent Half H-Bridge Drivers
• 65V Maximum Operating Voltage
• 0.3Ω (typ) RON (High Side + Low Side) at TA = +25°C
• Fully Independent Half-Bridge Control
● Current Rating per H-Bridge (TA = +25°C):
• IMAX = 3.8A (Impulse Current for Driving Capacitive Loads)
• IRMS = 2A
● Integrated Current Sensing (ICS) Eliminates External Bulky Resistors and Improves Efficiency
● Current-Sense Output Monitor
● Fault Indicator Pin (FAULT)
• Overcurrent Protection for Each Individual Channel (OCP)
• Undervoltage Lockout (UVLO)
• Thermal Shutdown TSD = +155°C
● 5mm x 7mm, 38-Pin TQFN and 4.4mm x 9.7mm, 38-Pin TSSOP Packages

Applications
● Brushed DC Motor Driver
● Stepper Motor Driver
● Solenoid Driver
● Latched Valves




Similar Part No. - MAX22208

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22200 MAXIM-MAX22200 Datasheet
874Kb / 45P
36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
MAX22200ETJ+ MAXIM-MAX22200ETJ+ Datasheet
874Kb / 45P
36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
MAX22200EVKIT MAXIM-MAX22200EVKIT Datasheet
888Kb / 12P
Configurable for High-Side/Low-Side Solenoid Driver
Rev 0; 4/21
MAX22200EVKIT# MAXIM-MAX22200EVKIT# Datasheet
888Kb / 12P
Configurable for High-Side/Low-Side Solenoid Driver
Rev 0; 4/21
MAX22201 MAXIM-MAX22201 Datasheet
1Mb / 11P
Evaluation Kit
Rev 0; 1/21
More results


Similar Description - MAX22208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8876 TI1-DRV8876 Datasheet
520Kb / 29P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876-Q1 TI1-DRV8876-Q1 Datasheet
715Kb / 32P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876_1904 TI1-DRV8876_1904 Datasheet
942Kb / 37P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8436E TI1-DRV8436E Datasheet
1Mb / 40P
DRV8436E Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8876-Q1 TI1-DRV8876-Q1_V01 Datasheet
897Kb / 35P
DRV887x-Q1 H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8932 TI-DRV8932 Datasheet
2Mb / 40P
DRV8932 Quad Half-Bridge Driver With Integrated Current Sense
DRV8955 TI-DRV8955 Datasheet
3Mb / 45P
DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
DRV8935 TI-DRV8935 Datasheet
3Mb / 42P
DRV8935 Quad Half-Bridge Driver With Integrated Current Sense
logo
Maxim Integrated Produc...
MAX22203 MAXIM-MAX22203 Datasheet
411Kb / 23P
65V, 3.8A Dual Brushed or Single Stepper Motor Driver with Integrated Current Sense
Rev 0; 5/21
logo
Analog Devices
MAX22213 AD-MAX22213 Datasheet
373Kb / 20P
36V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense
19-101603; Rev 0; 8/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com