Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX22200 Datasheet (PDF) - Maxim Integrated Products

MAX22200 Datasheet PDF - Maxim Integrated Products
Part # MAX22200
Download  MAX22200 Download
File Size   874.32 Kbytes
Page   45 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver

MAX22200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX22200 Datasheet PDF - Maxim Integrated Products

Part # MAX22200
Download  MAX22200 Click to download

File Size   874.32 Kbytes
Page   45 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver

MAX22200 Datasheet (HTML) - Maxim Integrated Products


MAX22200 Product details

General Description
The MAX22200 is an octal 36V serial-controlled solenoid
driver. Each channel features a low impedance (200mΩ
typ) push-pull output stage with sink-and-source driving
capability and up to 1ARMS driving current. A serial interface
(SPI) that also supports daisy-chain configurations is
provided to individually control each channel.
The device half-bridges can be configured as low-side
drivers or as high-side drivers. Moreover, pairs of halfbridges
can be paralleled to double the driving current or
can be configured as full-bridges to drive up to four latched
valves (bi-stable valves) or four brushed DC motors.
Two control methods are supported: voltage drive regulation
(VDR) and current drive regulation (CDR). In VDR,
the device outputs a PWM voltage in which the duty cycle
is programmed using SPI. For a given supply voltage and
solenoid resistor, the output current is proportional to the
programmed duty cycle. In CDR, an internal integrated
lossless current sensing (ICS) circuit senses the output
current and compares it with an internal programmable
reference current.
For optimal power management in solenoid drive applications,
the excitation drive level (IHIT), the hold drive level
(IHOLD), and the excitation drive time (tHIT) can be individually
configured for each channel.
The MAX22200 features a full set of protections and diagnostic
functions. This includes overcurrent protection
(OCP), thermal shutdown (TSD), undervoltage Lockout
(UVLO), open-load detection (OL), and detection of
plunger movement (DPM). A fault indication pin (FAULT)
signals fault events and diagnostic information is stored in
the FAULT register.
Due to the flexibility of use, the serial interface control,
the high efficiency, and the small package, the MAX22200
is particularly well-suited for solenoid driver applications
(valve control, relays control etc.) in which low power consumption
and high level of integration are required.
The MAX22200 is available in a compact 5mm x 5mm,
32-pin TQFN package and operates over the temperature -40ºC to +85ºC range.

Benefits and Features
● Eight Half-Bridges Up To +36V
● High Performances:
• Low On-Resistance: RDS(on): 200 mΩ typical (TA =
+25°C)
• Continuous Output Current Up To 1ARMS per Half-
Bridge (TA = +25°C)
• Current-Drive Regulation (CDR)
• Voltage-Drive Regulation (VDR)
• Integrated Lossless Current Sensing (ICS)
● High Flexibility:
• Independent Programmable HIT and HOLD
Currents for Each Channel (IHIT, IHOLD)
• Independent Programmable HIT Current Timing for
Each Channel (tHIT)
• Full-Bridge Configuration Supported
• Parallel Mode Supported
● High Speed Serial Interface (SPI)
• 5MHz Daisy-Chain Configuration
• 10MHz without Daisy Chain
● Protections and Diagnostic
• Overcurrent Protection (OCP)
• Open-Load Detection (OL)
• Detection of Plunger Movement (DPM)
• Undervoltage Lockout (UVLO)
• HIT Current Not Reached (HHF)
• Thermal Shutdown T = +145°C (TSD)
• Fault Registers for Diagnostic purposes
● Integration:
• 32 TQFN 5mm x 5mm Package

Applications
● Relays Driver
● Solenoid, Valves, Electromagnetic Drivers
● Generic Low-Side and High-Side Switch Applications
● Latched (Bi-Stable) Solenoid Valve Drivers
● Brushed DC Motor Driver




Similar Part No. - MAX22200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22200EVKIT MAXIM-MAX22200EVKIT Datasheet
888Kb / 12P
Configurable for High-Side/Low-Side Solenoid Driver
Rev 0; 4/21
MAX22200EVKIT# MAXIM-MAX22200EVKIT# Datasheet
888Kb / 12P
Configurable for High-Side/Low-Side Solenoid Driver
Rev 0; 4/21
More results


Similar Description - MAX22200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9822E STMICROELECTRONICS-L9822E Datasheet
112Kb / 11P
OCTAL SERIAL SOLENOID DRIVER
Sep-1994
L9822N STMICROELECTRONICS-L9822N Datasheet
87Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-1997
L98SI STMICROELECTRONICS-L98SI Datasheet
77Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Apr-1998
logo
Harris Corporation
CA3169 HARRIS-CA3169 Datasheet
277Kb / 5P
SOLENOID AND MOTOR DRIVER
logo
STMicroelectronics
L9822E STMICROELECTRONICS-L9822E_02 Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
L9822N STMICROELECTRONICS-L9822N_03 Datasheet
737Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-2003
L9822EPD013TR STMICROELECTRONICS-L9822EPD013TR Datasheet
238Kb / 17P
Octal serial solenoid driver
20-Sep-2013
logo
Toshiba Semiconductor
TB67S145FTG TOSHIBA-TB67S145FTG Datasheet
1Mb / 28P
Serial controlled unipolar stepping motor driver
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
logo
Analog Devices
MAX22216 AD-MAX22216 Datasheet
959Kb / 80P
Quad Smart Serial-Controlled Solenoid and Motor Driver with Advanced Diagnostic
19-101721; Rev 0; 9/23
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com