Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX22216 Datasheet (PDF) - Analog Devices

MAX22216 Datasheet PDF - Analog Devices
Part # MAX22216
Download  MAX22216 Download
File Size   959.37 Kbytes
Page   80 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Smart Serial-Controlled Solenoid and Motor Driver with Advanced Diagnostic

MAX22216 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX22216 Datasheet PDF - Analog Devices

Part # MAX22216
Download  MAX22216 Click to download

File Size   959.37 Kbytes
Page   80 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Smart Serial-Controlled Solenoid and Motor Driver with Advanced Diagnostic

MAX22216 Datasheet (HTML) - Analog Devices


MAX22216 Product details

General Description
The MAX22216/MAX22217 integrate four programmable
36V half-bridges. It is primarily intended to drive inductive
loads such as on-off solenoid valves, DC motors, proportional
valves, bi-stable valves, relays, etc. The MAX22216
is capable of up to 3.2AFS per half-bridge, whereas
the MAX22217 is capable of up to 1AFS per half-bridge.
The MAX22216/MAX22217 operate from -40°C to +125°C
ambient temperature.
The MAX22216/MAX22217 half-bridges support two different
use cases. In the first case, configuration settings
can be entered through a serial peripheral interface (SPI)
and can be changed at any time. Alternatively, settings
can be stored in one-time programmable (OTP) registers,
which are loaded at power-up. This enables stand-alone
operations. Registers are user-programmable. The OTP
writing procedure must be executed in a factory under
well-controlled temperature and voltage conditions.
High-side/low-side single-ended drive operations and
bridge-tied load (BTL) configurations are supported.
Channel parallelization is also supported.
Voltage control, current control, and mixed schemes are
supported.
In voltage drive regulation mode (VDR mode), the halfbridge
output voltage is controlled. Supply variations are
internally compensated.
In current drive regulation mode (CDR mode), the halfbridge
output current is controlled. The current is internally
sensed and fed back to the controller for accurate closedloop
regulation. Proportional and integral gains can be
configured to optimize steady-state errors and dynamic
performance.
The MAX22216/MAX22217 integrate functions aimed to
optimize solenoid and DC motor drive control. These include
a two-level sequencer for power saving, drive signal
ramp control (RAMP) for noise reduction, a dither function
(DITH) to counteract the effects of static friction and hysteresis,
a fast demagnetization feature (DC_H2L) to shorten
on-off cycles, and a DC-Motor current limiter for limiting
inrush and stall currents.
Advanced diagnostic functions are available to improve
system reliability and enable predictive maintenance.
These include the detection of plunger movement (DPM),
inductance measurement, travel time measurement,
open-load detection (OL), and real-time current monitoring
through a serial Interface.
The MAX22216/MAX22217 feature a full set of protection
circuits, including overcurrent protection (OCP), overtemperature
protection (OVT), and undervoltage lockout
(UVM). A fault indicator pin is asserted whenever faults
are detected.
The MAX22216/MAX22217 are offered in TQFN32 5mm x
5mm packages.

Benefits and Features
● Four Serial Controlled 36V Half Bridges
• 1.7A DC (TA = 25°C) and 3.2A Full-Scale Current
Capability (MAX22216)
• 0.55A DC (TA = 25°C) and 1A Full-Scale Current
Capability (MAX22217)
● Low RON for High Efficiency
● High Flexibility:
• Independent Channel Setting
• High-Side/Low-Side/Bridge-Tied Load
Configuration/Parallel Mode Supported
● Advanced Control Methods
• Voltage/Current Drive Regulation
• Two Levels Sequencer for Power Saving
• DC-Motor Drive with Current Limiter
• Dithering Function
• Ramp up/down Control
• Demagnetization Voltage Control
• Integrated Current Sense
● Diagnostic Functions:
• Reaction and Travel Time Measurement
• Detection of Plunger Movements
• Open-Load Detection
• Inductance Measurement
• Digital Current Sense Monitor
● Full Set of Protections
• Overcurrent Protection
• Thermal Protections
• Undervoltage Lockout

Applications
● Solenoid On-Off Valves and Relays
● DC Motors
● Proportional Valves
● Bi-Stable Latching Solenoid Valves
● Switching Driver with Real-Time Current Measurement
● Digital Output Interface




Similar Part No. - MAX22216

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX22216 AD-MAX22216 Datasheet
962Kb / 80P
Quad Smart Serial-Controlled Solenoid and Motor Driver with Advanced Diagnostic
Rev 1; 4/24
MAX22216ATJY+ AD-MAX22216ATJY+ Datasheet
962Kb / 80P
Quad Smart Serial-Controlled Solenoid and Motor Driver with Advanced Diagnostic
Rev 1; 4/24
MAX22216 AD-MAX22216_V01 Datasheet
962Kb / 80P
Quad Smart Serial-Controlled Solenoid and Motor Driver with Advanced Diagnostic
Rev 1; 4/24
More results


Similar Description - MAX22216

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5250 SIEMENS-TLE5250 Datasheet
142Kb / 22P
2.5-A High Performance Smart Power Stepper-Motor Driver with Diagnostic Interface
logo
Intersil Corporation
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
Quad Power Drivers with Serial Diagnostic Interface
May 1998
logo
Harris Corporation
CA3169 HARRIS-CA3169 Datasheet
277Kb / 5P
SOLENOID AND MOTOR DRIVER
logo
Hitachi Semiconductor
HA13444 HITACHI-HA13444 Datasheet
46Kb / 2P
QUAD SOLENOID DRIVER
logo
Unisonic Technologies
UH457 UTC-UH457 Datasheet
174Kb / 6P
SMART MOTOR DRIVER
logo
Toshiba Semiconductor
TB67S145FTG TOSHIBA-TB67S145FTG Datasheet
1Mb / 28P
Serial controlled unipolar stepping motor driver
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
TC78H670FTG TOSHIBA-TC78H670FTG Datasheet
1Mb / 42P
Clock-in and Serial controlled Bipolar Stepping Motor Driver
2021-02-09
logo
Renesas Technology Corp
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
Quad Power Drivers with Serial Diagnostic Interface
Features
logo
Maxim Integrated Produc...
MAX22200 MAXIM-MAX22200 Datasheet
874Kb / 45P
36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com