Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5250 Datasheet (PDF) - Siemens Semiconductor Group

TLE5250 Datasheet PDF - Siemens Semiconductor Group
Part # TLE5250
Download  TLE5250 Download
File Size   142.55 Kbytes
Page   22 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 2.5-A High Performance Smart Power Stepper-Motor Driver with Diagnostic Interface

TLE5250 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE5250 Datasheet PDF - Siemens Semiconductor Group

Part # TLE5250
Download  TLE5250 Click to download

File Size   142.55 Kbytes
Page   22 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 2.5-A High Performance Smart Power Stepper-Motor Driver with Diagnostic Interface

TLE5250 Datasheet (HTML) - Siemens Semiconductor Group


TLE5250 Product details

Description
TLE 5250 is a monolithic IC in Smart Power technology for controlling and regulating the motor current in one phase of a bipolar stepping motor. There are other applications in driving DC motors and inductive loads that are operated on constant current.

Features
• Single phase driver for stepper motor 2.5 A
• Low ON-resistance (typical 0.3 Ω)
• Wide supply range 6 V to 45 V
• Wide current range 10 mA to 3 A
• Fast nominal/actual comparator for micro stepper mode
• Wide temperature range
• Short circuit protection
• Under voltage shutdown
• Overtemperature shutdown
• Serial diagnostic interface
• Fast freewheeling diodes
• TTL-compatible inputs




Similar Part No. - TLE5250

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5203 SIEMENS-TLE5203 Datasheet
161Kb / 18P
3-A DC Motor Driver
TLE5203G SIEMENS-TLE5203G Datasheet
161Kb / 18P
3-A DC Motor Driver
TLE5204 SIEMENS-TLE5204 Datasheet
147Kb / 15P
3-A DC Motor Driver
TLE5204G SIEMENS-TLE5204G Datasheet
147Kb / 15P
3-A DC Motor Driver
logo
Infineon Technologies A...
TLE5205-2 INFINEON-TLE5205-2 Datasheet
214Kb / 23P
5-A H-Bridge for DC-Motor Applications
2001-06-19
More results


Similar Description - TLE5250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
STMicroelectronics
SPMD250STP STMICROELECTRONICS-SPMD250STP Datasheet
1,002Kb / 29P
2.5 A bipolar stepper motor drive module
23-Jan-2007
logo
TRINAMIC Motion Control...
PD-111-42 TRINAMIC-PD-111-42 Datasheet
280Kb / 1P
42mm / NEMA17 High Performance Stepper Motor with Controller / Driver and erial Interface
PD-111-56 TRINAMIC-PD-111-56 Datasheet
295Kb / 1P
56mm / NEMA23 High Performance Stepper Motor with with Controller / Driver and Serial Interface
TMC211 TRINAMIC-TMC211_1 Datasheet
656Kb / 56P
Micro Stepping Stepper Motor Controller / Driver with LIN Interface
logo
STMicroelectronics
SPMD150STP STMICROELECTRONICS-SPMD150STP Datasheet
650Kb / 23P
1.5 A stepper motor driver module
22-Feb-2010
logo
Texas Instruments
DRV8880 TI-DRV8880_15 Datasheet
1Mb / 48P
DRV8880 2-A Stepper Motor Driver With AutoTune?
DRV8880 TI1-DRV8880 Datasheet
1Mb / 48P
Stepper Motor Driver With AutoTune
logo
TRINAMIC Motion Control...
TMC2041 TRINAMIC-TMC2041 Datasheet
2Mb / 65P
POWER DRIVER FOR STEPPER MOTOR
logo
Analog Devices
MAX22216 AD-MAX22216 Datasheet
959Kb / 80P
Quad Smart Serial-Controlled Solenoid and Motor Driver with Advanced Diagnostic
19-101721; Rev 0; 9/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com