Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9822E Datasheet (PDF) - STMicroelectronics

L9822E Datasheet PDF - STMicroelectronics
Part # L9822E
Download  L9822E Download
File Size   112.9 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL SERIAL SOLENOID DRIVER

L9822E Datasheet (PDF)

Go To PDF Page Download Datasheet
L9822E Datasheet PDF - STMicroelectronics

Part # L9822E
Download  L9822E Click to download

File Size   112.9 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL SERIAL SOLENOID DRIVER

L9822E Datasheet (HTML) - STMicroelectronics


L9822E Product details

DESCRIPTION
The L9822E is an octal low side solenoid driver rea lized in Multipower-BCD technology particularly suited for driving lamps, relays and solenoids in automotive environment. The DMOS outputs L9822E has a very low power consumption.
Data is transmitted serially to the device using the Serial Peripheral Interface (SPI) protocol. The L9822Efeatures the outputs status monitoring function.

■ EIGHT LOW RDSon DMOSOUTPUTS
   (0.5Ω AT IO = 1A @ 25°C VCC = 5V± 5%)
■ 8 BIT SERIAL INPUT DATA (SPI)
■ 8 BIT SERIAL DIAGNOSTIC OUTPUT FOR
   OVERLOAD AND OPEN CIRCUIT CONDITIONS
■ OUTPUT SHORT CIRCUIT PROTECTION
■ CHIPENABLESELECTFUNCTION(active low)
■ INTERNAL 36V CLAMPING FOR EACH OUTPUT
■ CASCADABLE WITH ANOTHER OCTAL DRIVER
■ LOW QUIESCENT CURRENT (10mA MAX.)
■ PACKAGE MULTIWATT15, PowerSO20 AND SO20L




Similar Part No. - L9822E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9822E STMICROELECTRONICS-L9822E Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
L9822E STMICROELECTRONICS-L9822E Datasheet
238Kb / 17P
Octal serial solenoid driver
20-Sep-2013
L9822EPD STMICROELECTRONICS-L9822EPD Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
L9822EPD STMICROELECTRONICS-L9822EPD Datasheet
238Kb / 17P
Octal serial solenoid driver
20-Sep-2013
L9822EPD013TR STMICROELECTRONICS-L9822EPD013TR Datasheet
238Kb / 17P
Octal serial solenoid driver
20-Sep-2013
More results


Similar Description - L9822E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9822N STMICROELECTRONICS-L9822N Datasheet
87Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-1997
L98SI STMICROELECTRONICS-L98SI Datasheet
77Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Apr-1998
L9822E STMICROELECTRONICS-L9822E_02 Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
L9822N STMICROELECTRONICS-L9822N_03 Datasheet
737Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-2003
L9822EPD013TR STMICROELECTRONICS-L9822EPD013TR Datasheet
238Kb / 17P
Octal serial solenoid driver
20-Sep-2013
logo
Pepperl+Fuchs Inc.
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
Solenoid Driver
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
Solenoid Driver
KCD2-SLD-EX1.1065 PF-KCD2-SLD-EX1.1065 Datasheet
1Mb / 5P
Solenoid Driver
logo
Maxim Integrated Produc...
MAX22200 MAXIM-MAX22200 Datasheet
874Kb / 45P
36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com