Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9822E Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9822E
Description  OCTAL SERIAL SOLENOID DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9822E Datasheet(HTML) 4 Page - STMicroelectronics

  L9822E Datasheet HTML 1Page - STMicroelectronics L9822E Datasheet HTML 2Page - STMicroelectronics L9822E Datasheet HTML 3Page - STMicroelectronics L9822E Datasheet HTML 4Page - STMicroelectronics L9822E Datasheet HTML 5Page - STMicroelectronics L9822E Datasheet HTML 6Page - STMicroelectronics L9822E Datasheet HTML 7Page - STMicroelectronics L9822E Datasheet HTML 8Page - STMicroelectronics L9822E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
INPUT BUFFER (SI, CE, SCLK and RESET pins)
VT–
Threshold Voltage at
Falling Edge
SCLK only
VCC =5V
± 10%
0.2VCC
0.6
V
V
VT+
Threshold Voltage at
Rising Edge
SCLK only
VCC =5V
± 10%
0.7VCC
4.15
V
V
VH
Hysteresis Voltage
VT+ –VT–
0.85
2.5
V
II
Input Current
VCC = 5.50V, 0 < VI <VCC
–10
+ 10
µA
CI
Input Capacitance
0 < VI <VCC
20
nF
OUTPUT BUFFER (SO pin)
VSOL
Output LOW Voltage
IO = 1.6mA
0.4
V
VSOH
Output HIGH Voltage
IO = 0.8mA
VCC
– 1.3V
V
ISOtl
Output Tristate Leakage
Current
0< VO <VCC, CE Pin Held High,
VCC = 5.25V
–20
20
µA
CSO
Output Capacitance
0 < VO <VCC
CE Pin Held High
20
pF
ICC
Quiescent Supply
Current at VCC Pin
All Outputs Progr. ON. IO = 0.5A
per Output Simultaneously
10
mA
SERIAL PERIPHERAL INTERFACE (see fig. 2, timing diagram)
fop
Operating Frequency
D.C.
2
MHz
tlead
Enable Lead Time
250
ns
tlag
Enable Lag Time
250
ns
twSCKH
Clock HIGH Time
200
ns
twSCKL
Clock LOW Time
200
ns
tsu
Data Setup Time
75
ns
tH
Data Hold Time
75
ns
tEN
Enable Time
250
ns
tDIS
Disable Time
250
ns
tV
Data Valid Time
100
ns
trSO
Rise Time (SO output)
VCC = 20 to 70% CL = 200pF
50
ns
tfSO
Fall Time (SO output)
VCC = 70 to 20% CL = 200pF
50
ns
trSI
Rise Time SPI
Inputs (SCK, SI, CE)
VCC = 20 to 70% CL = 200pF
200
ns
tfSI
Fall Time SPI
Inputs (SCLK, SI, CE)
VCC = 70 to 20% CL = 200pF
200
ns
tho
Output Data Hold Time
0
µs
L9822E
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com