Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9822E Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9822E
Description  OCTAL SERIAL SOLENOID DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9822E Datasheet(HTML) 1 Page - STMicroelectronics

  L9822E Datasheet HTML 1Page - STMicroelectronics L9822E Datasheet HTML 2Page - STMicroelectronics L9822E Datasheet HTML 3Page - STMicroelectronics L9822E Datasheet HTML 4Page - STMicroelectronics L9822E Datasheet HTML 5Page - STMicroelectronics L9822E Datasheet HTML 6Page - STMicroelectronics L9822E Datasheet HTML 7Page - STMicroelectronics L9822E Datasheet HTML 8Page - STMicroelectronics L9822E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
L9822E
OCTAL SERIAL SOLENOID DRIVER
ADVANCE DATA
.
EIGHT LOW RDSon DMOS OUTPUTS
(0.5
Ω AT IO =1A @ 25°CVCC =5V± 5%)
.
8 BIT SERIAL INPUT DATA (SPI)
.
8 BIT SERIAL DIAGNOSTIC OUTPUT FOR
OVERLOADAND OPENCIRCUIT CONDITIONS
.
OUTPUT SHORT CIRCUIT PROTECTION
.
CHIP ENABLE SELECT FUNCTION (active low)
.
INTERNAL 36V CLAMPING FOR EACH OUT-
PUT
.
CASCADABLE
WITH
ANOTHER
OCTAL
DRIVER
.
LOW QUIESCENT CURRENT (10mA MAX.)
.
PACKAGE MULTIWATT15, PowerSO20 AND
SO20L
DESCRIPTION
The L9822E is an octal low side solenoid driver
rea lized in Multipower-BCD technology particularly
suited for driving lamps, relays and solenoids in au-
BLOCK DIAGRAM
PowerSO20
SO20L (16+2+2)
Multiwatt15
ORDERING NUMBERS: L9822E (Multiwatt15)
L9822EPD (Power SO20)
L9822ED (SO20L )
tomotive environment. The DMOS outpts L9822E
has a very low power consumption.
Data is transmitted serially to the device using the
Serial Peripheral Interface (SPI) protocol.
The L9822E features the outputs status monitoring
function.
MULTIPOWER BCD TECHNOLOGY
September 1994
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
1/11


Similar Part No. - L9822E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9822E STMICROELECTRONICS-L9822E Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
L9822E STMICROELECTRONICS-L9822E Datasheet
238Kb / 17P
Octal serial solenoid driver
20-Sep-2013
L9822EPD STMICROELECTRONICS-L9822EPD Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
L9822EPD STMICROELECTRONICS-L9822EPD Datasheet
238Kb / 17P
Octal serial solenoid driver
20-Sep-2013
L9822EPD013TR STMICROELECTRONICS-L9822EPD013TR Datasheet
238Kb / 17P
Octal serial solenoid driver
20-Sep-2013
More results

Similar Description - L9822E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9822N STMICROELECTRONICS-L9822N Datasheet
87Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-1997
L98SI STMICROELECTRONICS-L98SI Datasheet
77Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Apr-1998
L9822E STMICROELECTRONICS-L9822E_02 Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
L9822N STMICROELECTRONICS-L9822N_03 Datasheet
737Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-2003
L9822EPD013TR STMICROELECTRONICS-L9822EPD013TR Datasheet
238Kb / 17P
Octal serial solenoid driver
20-Sep-2013
logo
Pepperl+Fuchs Inc.
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
Solenoid Driver
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
Solenoid Driver
KCD2-SLD-EX1.1065 PF-KCD2-SLD-EX1.1065 Datasheet
1Mb / 5P
Solenoid Driver
logo
Maxim Integrated Produc...
MAX22200 MAXIM-MAX22200 Datasheet
874Kb / 45P
36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com