Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2646 Datasheet (PDF) - NXP Semiconductors

MB2646 Datasheet PDF - NXP Semiconductors
Part # MB2646
Download  MB2646 Download
File Size   90.68 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual octal bus transceiver/registers 3-State

MB2646 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB2646 Datasheet PDF - NXP Semiconductors

Part # MB2646
Download  MB2646 Click to download

File Size   90.68 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual octal bus transceiver/registers 3-State

MB2646 Datasheet (HTML) - NXP Semiconductors


MB2646 Product details

DESCRIPTION
The MB2646 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• Independent registers for A and B buses
• Multiple VCC and GND pins minimize switching noise
• Live insertion/extraction permitted
• Power-up 3-State
• Power-up reset
• Multiplexed real-time and stored data
• Outputs sink 64mA and source 32mA
• Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model




Similar Part No. - MB2646

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MB26 PANJIT-MB26 Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB26 ZSELEC-MB26 Datasheet
112Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
MB260F-C SECOS-MB260F-C Datasheet
293Kb / 2P
2Amp Surface Mount Bridge Rectifiers
logo
Murata Manufacturing Co...
MB26101BAN MURATA-MB26101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB26101BBN MURATA-MB26101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MB2646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2652 PHILIPS-MB2652 Datasheet
162Kb / 15P
Dual octal transceiver/registers, non-inverting 3-State
August 23, 1993
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
logo
Texas Instruments
74AC11652 TI-74AC11652 Datasheet
144Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
CD54-74AC646 TI-CD54-74AC646 Datasheet
263Kb / 8P
OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
CD54-74AC651 TI-CD54-74AC651 Datasheet
276Kb / 8P
OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
Texas Instruments
CD74ACT646EN TI1-CD74ACT646EN Datasheet
996Kb / 15P
OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
74AC11652 TI1-74AC11652_11 Datasheet
190Kb / 11P
OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
CD54AC646 TI1-CD54AC646_15 Datasheet
909Kb / 14P
Octal-Bus Transceiver/Registers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com